Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 23 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices ADSP-SC583 Datasheet HTML 23Page - Analog Devices ADSP-SC583 Datasheet HTML 24Page - Analog Devices ADSP-SC583 Datasheet HTML 25Page - Analog Devices ADSP-SC583 Datasheet HTML 26Page - Analog Devices ADSP-SC583 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 23 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
•RTC (VDD_RTC)
•DMC (VDD_DMC)
•PCIe (VDD_PCIE, VDD_PCIE_TX and VDD_PCIE_RX)
All the power supplies should meet the specifications provided
in Operating Conditions on Page 80. All the external supply
pins must be connected to the same power supply.
Power Management
As shown in Table 10, the processor supports four different
power domains, which maximizes flexibility while maintaining
compliance with industry standards and conventions. There are
no sequencing requirements for the various power domains, but
all domains must be powered according to the appropriate
Specifications table for processor operating conditions; even if
the feature/peripheral is not used.
The power dissipated by a processor is largely a function of its
clock frequency and the square of the operating voltage. For
example, reducing the clock frequency by 25% results in a 25%
reduction in dynamic power dissipation.
Target Board JTAG Emulator Connector
Analog Devices DSP Tools product line of JTAG emulators uses
the IEEE 1149.1 JTAG test access port of the processor to moni-
tor and control the target board processor during emulation.
Analog Devices DSP Tools product line of JTAG emulators
provides emulation at full processor speed, allowing inspection
and modification of memory, registers, and processor stacks.
The processor’s JTAG interface ensures that the emulator will
not affect target system loading or timing.
For complete information on Analog Devices’ SHARC DSP
Tools product line of JTAG emulator operation, see the appro-
priate Emulator Hardware User’s Guide.
SYSTEM DEBUG
The processors include various features that allow for easy sys-
tem debug. These are described in the following sections.
System Watchpoint Unit (SWU)
The system watchpoint unit (SWU) is a single module which
connects to a single system bus and provides for transaction
monitoring. One SWU is attached to the bus going to each
system slave. The SWU provides ports for all system bus address
channel signals. Each SWU contains four match groups of
registers with associated hardware. These four SWU match
groups operate independently, but share common event (inter-
rupt, trigger and others) outputs.
Debug Access Port (DAP)
DAP (debug access port) provides IEEE-1149.1 JTAG interface
support through its JTAG debug. The DAP provides an optional
instrumentation trace for both the core and system. It provides
a trace stream that conforms to MIPI System Trace Protocol
version 2(STPv2).
DEVELOPMENT TOOLS
Analog Devices supports its processors with a complete line of
software and hardware development tools, including an inte-
grated development environment (CrossCore
® Embedded
Studio), evaluation products, emulators, and a wide variety of
software add-ins.
Integrated Development Environments (IDEs)
For C/C++ software writing and editing, code generation, and
debug support, Analog Devices offers the CrossCore Embedded
Studio IDE.
CrossCore Embedded Studio is based on the Eclipse framework.
Supporting most Analog Devices processor families, it is the
IDE of choice for processors, including multicore devices. Cros-
sCore Embedded Studio seamlessly integrates available software
add-ins to support real time operating systems, file systems,
TCP/IP stacks, USB stacks, algorithmic software modules, and
evaluation hardware board support packages. For more infor-
mation visit www.analog.com/cces.
EZ-KIT Lite Evaluation Board
For processor evaluation, Analog Devices provides wide range
of EZ-KIT Lite
® evaluation boards. Including the processor and
key peripherals, the evaluation board also supports on-chip
emulation capabilities and other evaluation and development
features. Also available are various EZ-Extenders
®, which are
daughter cards delivering additional specialized functionality,
including audio and video processing. For more information
visit www.analog.com and search on “ezkit” or “ezextender”.
EZ-KIT Lite Evaluation Kits
For a cost-effective way to learn more about developing with
Analog Devices processors, Analog Devices offer a range of EZ-
KIT Lite evaluation kits. Each evaluation kit includes an EZ-KIT
Lite evaluation board, directions for downloading an evaluation
version of the available IDE(s), a USB cable, and a power supply.
The USB controller on the EZ-KIT Lite board connects to the
USB port of the user’s PC, enabling the chosen IDE evaluation
suite to emulate the on-board processor in-circuit. This permits
the customer to download, execute, and debug programs for the
Table 10. Power Domains
Power Domain
VDD Range
All internal logic
VDD_INT
DDR3/DDR2/LPDDR
VDD_DMC
USB
VDD_USB
HADC
VDD_HADC
RTC
VDD_RTC
PCIe_TX
VDD_PCIE_TX
PCIe_RX
VDD_PCIE_RX
PCIe
VDD_PCIE
All other I/O (includes SYS, JTAG, and
Ports pins)
VDD_EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com