Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 10Page - Analog Devices ADSP-SC583 Datasheet HTML 11Page - Analog Devices ADSP-SC583 Datasheet HTML 12Page - Analog Devices ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 168 page
background image
Rev. PrF
|
Page 14 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
SECURITY FEATURES
The following sections describe the security features of the
ADSP-SC58x/ADSP-2158x processors.
ARM TrustZone
The ADSP-SC58x processors provide TrustZone technology,
which is tightly integrated into the Cortex-A5 processors. This
technology enables a secure state which is also extended
throughout the system through the AMBA AXI buses and inter-
connect fabric.
Crypto Hardware Accelerators
The ADSP-SC58x/ADSP-2158x processors support standards-
based hardware-accelerated encryption, decryption, authentica-
tion, and true random number generation.
Support for the following hardware-accelerated cryptographic
ciphers include:
• AES in ECB, CBC, ICM and CTR modes with 128-bit,
192-bit, and 256-bit keys
• DES in ECB and CBC mode with 56-bit key
• 3DES in ECB and CBC mode with 3x 56-bit key
• ARC4 in stateful, stateless mode, up to 128-bit key
Support for the following hardware-accelerated hash functions
include:
•SHA-1
• SHA-2 with 224-bit and 256-bit digest
•HMAC transforms for SHA-1 and SHA-2
•MD5
Public Key Accelerator is available to offload computation-
intensive public key cryptography operations.
Both a hardware-based non-deterministic random number gen-
erator and pseudo-random number generator are available.
Secure boot is also available with 224-bit elliptic curve digital
signatures ensuring integrity and authenticity of the boot
stream. Optionally, ensuring confidentiality through AES-128
encryption is available.
Employ secure debug to allow only trusted users to access the
system with debug tools.
System Protection Unit (SPU)
The system protection unit (SPU) guards against accidental or
unwanted access to an MMR space of the peripheral by provid-
ing a write-protection mechanism. The user is able to choose
and configure the protected peripherals as well as configure
which ones of the four system MMR masters (core, memory
DMA, and CoreSight debug) the peripherals are guarded
against.
The SPU is also part of the security infrastructure. Along with
providing write-protection functionality, the SPU is employed
to define which resources in the system are secure or non-secure
and to block access to secure resources from non-secure
masters.
System Memory Protection Unit (SMPU)
Synonymously, the system memory protection unit (SMPU)
provides memory protection against read and/or write transac-
tions to defined regions of memory. There are SMPU units in
the ADSP-SC58x/ADSP-2158x processors for each memory
space, except for SHARC L1 and SPI direct memory slave.
The SMPU is also part of the security infrastructure. It allows
the user to not only protect against arbitrary read and/or write
transactions, but it also allows regions of memory to be defined
as secure and prevent non-secure masters from accessing those
memory regions.
SAFETY FEATURES
The ADSP-SC58x/ADSP-2158x processors have been designed
to support functional safety applications. While the level of
safety is mainly dominated by the system concept, the following
primitives are provided by the devices to build a robust safety
concept.
Multi-Parity-Bit-Protected SHARC+ Core L1 Memories
In the SHARC+ core L1 memory space, whether SRAM or
cache, each word is protected by multiple parity bits to detect
the single event upsets that occur in all RAMs. The cache tags
are not protected by parity.
ECC-Protected L2 Memories
Error correcting codes (ECC) are used to correct single event
upsets. The L2 memory is protected with a single error correct-
double error detect (SEC-DED) code. By default ECC is
enabled, but it can be disabled on a per-bank basis. Single-bit
errors are transparently corrected. Dual-bit errors can issue a
system event or fault if enabled. ECC protection is fully trans-
parent to the user, even if L2 memory is read or written by 8-bit
or 16-bit entities.
CRC-Protected Memories
While parity bit and ECC protection mainly protect against ran-
dom soft errors in L1 and L2 memory cells, the CRC engines can
be used to protect against systematic errors (pointer errors) and
static content (instruction code) of L1, L2 and even L3 memo-
ries (DDR2, LPDDR). The processors feature two CRC engines
which are embedded in the memory-to-memory DMA control-
lers. CRC checksums can be calculated or compared on the fly
CAUTION
This product includes security features that can be
used to protect embedded nonvolatile memory
contents and prevent execution of unauthorized
code. When security is enabled on this device
(either by the ordering party or the subsequent
receiving parties), the ability of Analog Devices to
conduct failure analysis on returned devices is
limited. Contact Analog Devices for details on the
failure analysis limitations for this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com