Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 20 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices ADSP-SC583 Datasheet HTML 23Page - Analog Devices ADSP-SC583 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 168 page
background image
Rev. PrF
|
Page 20 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
SYSTEM ACCELERATION
The following sections describe the system acceleration blocks
of the ADSP-SC58x/ADSP-2158x processors.
FFT Accelerator
A high performance FFT/IFFT accelerator is available to greatly
improve the overall floating-point computation power of the
ADSP-SC58x/ADSP-2158x processors.
In addition, the following features are available to improve the
overall performance of the accelerator:
• Support for the IEEE-754/854 single-precision floating-
point data format
• Automatic twiddle factor generation to reduce system
bandwidth
• Support for a vector complex multiply for windowing and
frequency domain filtering
• Ability to pipeline the data flow. This allows the accelerator
to bring in a new data set while the current set is being pro-
cessed and the previous set is being sent out to memory.
This can provide a significant system-level performance
improvement.
• Ability to output the result as the magnitude squared of the
complex samples
• Dedicated, high-speed DMA controller with 64-bit buses
that can read and write data from any memory space
The FFT accelerator can be run concurrently with the other
accelerators on these processors.
FIR Accelerator
The FIR (finite impulse response) accelerator consists of a 1024
word coefficient memory, a 1024 word deep delay line for the
data, and four MAC units. A controller manages the accelerator.
The FIR accelerator runs at the peripheral clock frequency. It
can access all memory spaces and can run simultaneously with
other accelerators.
IIR Accelerator
The IIR (infinite impulse response) accelerator consists of a
1440 word coefficient memory for storage of biquad coeffi-
cients, a data memory for storing the intermediate data, and one
MAC unit. A controller manages the accelerator. The IIR accel-
erator runs at the peripheral clock frequency. It can access all
memory spaces and can run simultaneously with other
accelerators.
Harmonic Analysis Engine (HAE)
The harmonic analysis engine (HAE) block receives 8 kHz input
samples from two source signals whose frequencies are between
45 Hz and 65 Hz. The HAE will then process the input samples
and produce output results. The output results consist of power
quality measurements of the fundamental and up to
12 additional harmonics.
Sinus Cardinalis (SINC) Filter
The SINC module processes four bit streams using a pair of
configurable SINC filters for each bitstream. The purpose of the
primary SINC filter of each pair is to produce the filtered and
decimated output for the pair. The output may be decimated to
any integer rate between 8 and 256 times lower than the input
rate. Greater decimation allows greater removal of noise and
therefore greater ENOB.
Optional additional filtering outside the SINC module may be
used to further increase ENOB. The primary SINC filter output
is accessible through transfer to processor memory, or to
another peripheral, via DMA.
Each of the four channels is also provided with a low-latency
secondary filter with programmable positive and negative over-
range detection comparators. These limit detection events can
be used to interrupt the core, generate a trigger, or signal a sys-
tem fault.
Digital Transmission Content Protection (DTCP)
The ADSP-SC58x/ADSP-2158x processors support the AES128
data cipher engine.
The DTCP specification defines a cryptographic protocol for
protecting audio entertainment content from illegal copying,
intercepting, and tampering as it traverses high performance
digital buses, such as the IEEE 1394 standard. Only legitimate
entertainment content delivered to a source device via another
approved copy protection system (such as the DVD content
scrambling system) is protected by this copy protection system.
Contact Analog Devices for more information on DTCP.
SYSTEM DESIGN
The following sections provide an introduction to system design
options and power supply issues.
Clock Management
The processors provide three operating modes, each with a dif-
ferent performance/power profile. Control of clocking to each
of the processor peripherals also reduces power consumption.
The processors do not support any low power operation modes.
Control of clocking to each of the processor peripherals can
reduce the power consumption.
Reset Control Unit (RCU)
Reset is the initial state of the whole processor or the core and is
the result of a hardware- or software-triggered event. In this
state, all control registers are set to their default values and func-
tional units are idle. Exiting a full system reset starts with the
core being ready to boot.
The reset control unit (RCU) controls how all the functional
units enter and exit reset. Differences in functional require-
ments and clocking constraints define how reset signals are
generated. Programs must guarantee that none of the reset
functions puts the system into an undefined state or causes
resources to stall. This is particularly important when the core is
reset (programs must ensure that there is no pending system
activity involving the core when it is being reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com