Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 89 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices ADSP-SC583 Datasheet HTML 90Page - Analog Devices ADSP-SC583 Datasheet HTML 91Page - Analog Devices ADSP-SC583 Datasheet HTML 92Page - Analog Devices ADSP-SC583 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 89 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
Clock and Reset Timing
Table 40 and Figure 11 describe clock and reset operations related to the clock generation unit (CGU) and reset control unit (RCU). Per
the CCLK, SYSCLK, SCLK, DCLK, and OCLK timing specifications in Table 28 in Clock Related Operating Conditions on Page 81, com-
binations of SYS_CLKIN and clock multipliers must not select clock rates in excess of the processor’s maximum instruction rate.
Table 40. Clock and Reset Timing
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
fCKIN
SYS_CLKIN Frequency (Crystal)1, 2, 3
1 Applies to PLL bypass mode and PLL non bypass mode.
2 The tCKIN period (see Figure 11) equals 1/fCKIN.
3 If the CGU_CTL.DF bit is set, the minimum fCKIN specification is 40 MHz.
20
50
MHz
SYS_CLKIN Frequency (External CLKIN)1, 2, 3
20
50
MHz
tCKINL
CLKIN Low Pulse1
10
ns
tCKINH
CLKIN High Pulse1
10
ns
tWRST
RESET Asserted Pulse Width Low4
4 Applies after power-up sequence is complete. See Table 39 and Figure 10 for power-up reset timing.
11 × tCKIN
ns
Figure 11. Clock and Reset Timing
SYS_CLKIN0/1
tWRST
fCKIN
tCKINL
tCKINH
SYS_HWRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com