Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 88 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 84Page - Analog Devices ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices ADSP-SC583 Datasheet HTML 90Page - Analog Devices ADSP-SC583 Datasheet HTML 91Page - Analog Devices ADSP-SC583 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 168 page
background image
Rev. PrF
|
Page 88 of 168
|
February 2016
Preliminary Technical Data
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
TIMING SPECIFICATIONS
Specifications are subject to change without notice.
Power-Up Reset Timing
Table 39 and Figure 10 show the relationship between power supply startup and processor reset timing, related to the clock generation
unit (CGU) and reset control unit (RCU).
In Figure 10, VDD_SUPPLIES are VDD_INT, VDD_EXT, VDD_DMC, VDD_USB, VDD_HADC, VDD_RTC, VDD_PCI_TX, VDD_PCI_RX, and VDD_PCI_CORE.
Table 39. Power-Up Reset Timing
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirement
tRST_IN_PWR
SYS_HWRST Deasserted after VDD_SUPPLIES (VDD_INT, VDD_EXT, VDD_DMC, VDD_USB,
VDD_HADC, VDD_RTC, VDD_PCI_TX, VDD_PCI_RX, VDD_PCI_CORE) and SYS_CLKIN are Stable
and within Specification
11 × tCKIN
ns
Figure 10. Power-Up Reset Timing
SYS_HWRST
tRST_IN_PWR
SYS_CLKIN0/1
V
DD_SUPPLIES
NOTE: V
DD_SUPPLIES
REFER TO V
DD_INT
, V
DD_EXT
, V
DD_DMC
, V
DD_USB
, V
DD_HADC
, V
DD_RTC
, V
DD_PCI_TX
, V
DD_PCI_RX
, AND V
DD_PCI_CORE
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com