Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 11Page - Analog Devices ADSP-SC583 Datasheet HTML 12Page - Analog Devices ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 15 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
during memory transfers, or one or multiple memory regions
can be continuously scrubbed by a single DMA work unit as per
DMA descriptor chain instructions. The CRC engine also pro-
tects data loaded during the boot process.
Signal Watchdogs
The eight general-purpose timers feature modes to monitor off-
chip signals. The watchdog period mode monitors whether
external signals toggle with a period within an expected range.
The watchdog width mode monitors whether the pulse widths
of external signals are within an expected range. Both modes
help to detect undesired toggling (or lack thereof) of
system-level signals.
System Event Controller (SEC)
Besides system events the SEC further supports fault manage-
ment including fault action configuration as time out, internal
indication by system interrupt or external indication via
SYS_FAULT pin, and system reset.
PROCESSOR PERIPHERALS
The following sections describe the peripherals of the ADSP-
SC58x/ADSP-2158x processors.
Dynamic Memory Controller (DMC)
The 16-bit DMC interfaces to:
• LPDDR1 (JESD209A) max freq 200 MHz DDRCLK
(64M bit – 2G bit)
• DDR2 (JESD79-2E) max freq 400 MHz DDRCLK
(256M bit – 4Gbit)
• DDR3 (JESD79-3E) max freq 450 MHz DDRCLK
(512M bit – 8G bit)
See Table 8 for DMC memory map.
Digital Audio Interface (DAI)
The processor supports two DAI units which are mirrored. Each
DAI provides the ability to connect various peripherals to any of
the DAI pins (DAI_PIN20–PIN01).
Programs make these connections using the signal routing unit
(SRU), shown in Figure 1 on Page 1.
The SRU is a matrix routing unit (or group of multiplexers) that
enables the peripherals provided by the DAI to be intercon-
nected under software control. This allows easy use of the DAI
associated peripherals for a much wider variety of applications
by using a larger set of algorithms than is possible with noncon-
figurable signal paths.
The DAI includes the peripherals described in the following sec-
tions. DAI pin buffers 20–19 can be used to change the polarity
of the input signals. Signals of the peripherals belonging to dif-
ferent DAIs cannot be interconnected, with few exceptions.
The DAI pin buffers may also be used as GPIO pins. DAI input
signals allow the triggering of interrupts on the rising edge, the
falling edge, or both edges.
Serial Ports (SPORT)
The processors feature 8 synchronous full serial ports that pro-
vide an inexpensive interface to a wide variety of digital and
mixed-signal peripheral devices such as Analog Devices
AD19xx/ADAU19xx family of audio codecs, ADCs, and DACs.
The serial ports are made up of two data lines, a clock, and
frame sync. The data lines can be programmed to either trans-
mit or receive and each data line has a dedicated DMA channel.
An individual full SPORT module consists of two inde-
pendently configurable SPORT halves with identical
functionality. Two bidirectional data lines—primary (0) and
secondary (1) per SPORT half, configurable as either transmit-
ters or receivers. Therefore, each SPORT half can be configured
for two transmitter or two receiver channels, permitting two
unidirectional streams into or out of the same full SPORT. This
bidirectional functionality provides greater flexibility for serial
communications. For full-duplex configuration, one half
SPORT provides two transmit signals, while the other half
SPORT provides the two receive signals. The frame sync and
clock are shared. The maximum SCLK is 1024xFS (TX master,
RX slave) and 512xFS (TX slave, RX master).
Serial ports operate in six modes:
• Standard DSP serial mode
•Multichannel (TDM) mode
•I2S mode
•Packed I2S mode
• Left-justified mode
•Right-justified mode
Asynchronous Sample Rate Converter (ASRC)
The asynchronous sample rate converter (ASRC) contains eight
ASRC blocks, is the same core as that used in the AD1896
192 kHz stereo asynchronous sample rate converter, and pro-
vides up to 140 dB SNR. The ASRC block is used to perform
synchronous or asynchronous sample rate conversion across
independent stereo channels, without using internal processor
resources. The SRC blocks can also be configured to operate
together to convert multichannel audio data without phase mis-
matches. Finally, the ASRC can be used to clean up audio data
from jittery clock sources such as the S/PDIF receiver.
S/PDIF-Compatible Digital Audio Receiver/Transmitter
The Sony/Philips Digital Interface (S/PDIF) is a standard audio
data transfer format that allows the transfer of digital audio sig-
nals from one device to another without having to convert them
to an analog signal. There are two S/PDIF Tx/Rx blocks on the
processor. The digital audio interface carries three types of
information; audio data, non audio data (compressed data) and
timing information.
The S/PDIF interface supports one stereo channel or com-
pressed audio streams. The S/PDIF transmitter and receiver is
AES3-compliant. The S/PDIF receiver supports professional jit-
ter standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com