Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 25 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices ADSP-SC583 Datasheet HTML 23Page - Analog Devices ADSP-SC583 Datasheet HTML 24Page - Analog Devices ADSP-SC583 Datasheet HTML 25Page - Analog Devices ADSP-SC583 Datasheet HTML 26Page - Analog Devices ADSP-SC583 Datasheet HTML 27Page - Analog Devices ADSP-SC583 Datasheet HTML 28Page - Analog Devices ADSP-SC583 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 25 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
ADSP-SC58x/ADSP-2158x DETAILED SIGNAL DESCRIPTIONS
Table 11 provides a detailed description of each pin.
Table 11. ADSP-SC58x/ADSP-2158x Detailed Signal Descriptions
Signal Name
Direction
Description
ACM_A[n]
Output
ADC Control Signals. Function varies by mode
ACM_CLK
Output
Clock. SCLK derived clock for connecting to an ADC.
ACM_FS
Output
Frame Sync. Typically used as an ADC chip select.
ACM_T[n]
Input
External Trigger n. Input for external trigger events
C1_FLG[n]
InOut
SHARC+ Core 1 Flag Pin.
C2_FLG[n]
InOut
SHARC+ Core 2 Flag Pin.
CAN_RX
Input
Receive. Typically an external CAN transceiver’s RX output.
CAN_TX
Output
Transmit. Typically an external CAN transceiver’s TX input.
CNT_DG
Input
Count Down and Gate. Depending on the mode of operation this input acts either as a count down
signal or a gate signal.
Count down: This input causes the GP counter to decrement.
Gate: Stops the GP counter from incrementing or decrementing.
CNT_UD
Input
Count Up and Direction. Depending on the mode of operation this input acts either as a count up
signal or a direction signal.
Count up: This input causes the GP counter to increment.
Direction: Selects whether the GP counter is incrementing or decrementing.
CNT_ZM
Input
Count Zero Marker. Input that connects to the zero marker output of a rotary device or detects the
pressing of a pushbutton.
DAI_PIN[nn]
InOut
Pin n. The digital applications interfaces (DAI0 and DAI1) provide the ability to
connect various peripherals to any of the DAI pins (DAI0_PINxx and DAI1_PINxx). Programs make
these connections using the signal routing unit (SRU). Both DAI units are symmetric. The shared
DAIx__PIN03 and DAIx_PIN04 pins allow routing between both DAI units.
DMC_A[nn]
Output
Address n. Address bus
DMC_BA[n]
Output
Bank Address n. Defines which internal bank an ACTIVATE, READ, WRITE, or PRECHARGE command
is being applied to on the dynamic memory. Also defines which mode registers (MR, EMR, EMR2,
and/or EMR3) are loaded during the LOAD MODE REGISTER command.
DMC_CAS
Output
Column Address Strobe. Defines the operation for external dynamic memory to perform in
conjunction with other DMC command signals. Connect to the CAS input of dynamic memory.
DMC_CK
Output
Clock. Outputs DCLK to external dynamic memory.
DMC_CKE
Output
Clock enable. Active high clock enables. Connects to the dynamic memory's CKE input.
DMC_CK
Output
Clock (complement). Complement of DMC_CK.
DMC_CS[n]
Output
Chip Select n. Commands are recognized by the memory only when this signal is asserted.
DMC_DQ[nn]
InOut
Data n. Bidirectional Data bus
DMC_LDM
Output
Data Mask for Lower Byte. Mask for DMC_DQ07:DMC_DQ00 write data when driven high. Sampled
on both edges of the data strobe by the dynamic memory.
DMC_LDQS
InOut
Data Strobe for Lower Byte. DMC_DQ07:DMC_DQ00 data strobe. Output with Write Data. Input with
Read Data. May be single-ended or differential depending on register settings.
DMC_LDQS
InOut
Data Strobe for Lower Byte (complement). Complement of LDQS. Not used in single-ended mode.
DMC_ODT
Output
On-die termination. Enables dynamic memory termination resistances when driven high (assuming
the memory is properly configured).
DMC_RAS
Output
Row Address Strobe. Defines the operation for external dynamic memory to perform in conjunction
with other DMC command signals. Connect to the RAS input of dynamic memory.
DMC_RESET
Output
Reset (DDR3 only).
DMC_RZQ
InOut
External calibration resistor connection.
DMC_UDM
Output
Data Mask for Upper Byte. Mask for DMC_DQ15:DMC_DQ08 write data when driven high. Sampled
on both edges of the data strobe by the dynamic memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com