Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 80 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 76Page - Analog Devices ADSP-SC583 Datasheet HTML 77Page - Analog Devices ADSP-SC583 Datasheet HTML 78Page - Analog Devices ADSP-SC583 Datasheet HTML 79Page - Analog Devices ADSP-SC583 Datasheet HTML 80Page - Analog Devices ADSP-SC583 Datasheet HTML 81Page - Analog Devices ADSP-SC583 Datasheet HTML 82Page - Analog Devices ADSP-SC583 Datasheet HTML 83Page - Analog Devices ADSP-SC583 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 168 page
background image
Rev. PrF
|
Page 80 of 168
|
February 2016
Preliminary Technical Data
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
SPECIFICATIONS
For information about product specifications please contact your Analog Devices, Inc. representative.
OPERATING CONDITIONS
450 MHz
Unit
Parameter1
1 Specifications subject to change without notice.
Description
Min
Nominal
Max
VDD_INT
Internal (Core) Supply Voltage
1.05
1.1
1.15
V
VDD_EXT
External (I/O) Supply Voltage
3.13
3.3
3.47
V
VDD_HADC
Analog Power Supply Voltage
3.13
3.3
3.47
V
VDD_DMC
2
2 Applies to DDR2/DDR3/LPDDR signals.
DDR2/LPDDR Controller Supply Voltage
1.7
1.8
1.9
V
DDR3 Controller Supply Voltage
1.425
1.5
1.575
V
VDD_USB
3
3 If not used, VDD_USB should be connected to 3.3V.
USB Supply Voltage
3.13
3.3
3.47
V
VDD_RTC
RTC Voltage
3.13
3.3
3.47
V
VDD_PCIE_TX
PCIe Core Transmit Voltage
1.05
1.1
1.15
V
VDD_PCIE_RX
PCIe Core Receive Voltage
1.05
1.1
1.15
V
VDD_PCIE
PCIe Voltage
3.13
3.3
3.47
V
VDDR_VREF
DDR2 Reference Voltage
0.49 × VDD_DMC
0.50 × VDD_DMC 0.51 × VDD_DMC
V
VHADC_REF
4
4 VHADC_VREF should always be less than VDD_HADC.
HADC Reference Voltage
2.5
3.30
VDD_HADC
V
VIH
5
5 Parameter value applies to all input and bidirectional pins except all the TWI, DMC, USB, PCIe, and MLB pins.
High Level Input Voltage @ VDD_EXT = Max
2.0
V
VIL
5
Low Level Input Voltage @ VDD_EXT = Min
0.8
V
VIL_DDR2/3
6
6 This parameter applies to all DMC0/1 signals in DDR2/DDR3 mode. VREF is the voltage applied to pin VREF_DMC, nominally VDD_DMC/2.
Low Level Input Voltage @ VDD_DMC = Min
VREF – 0.25
V
VIH_DDR2/3
6
High Level Input Voltage @ VDD_DMC = Max
VREF + 0.25
V
VIL_LPDDR
7
7 This parameter applies to DMC0/1 signals in LPDDR mode.
Low Level Input Voltage @ VDD_DMC = Min
0.2 × VDD_DMC
V
VIH_LPDDR
7
High Level Input Voltage @ VDD_DMC = Max
0.8 × VDD_DMC
V
TJ
Junction Temperature 349-Lead CSP_BGA @
TAMBIENT 0°C to +70°C
TBD
TBD
°C
TJ
Junction Temperature 349-Lead CSP_BGA @
TAMBIENT –40°C to +105°C
–40
133
°C
TJ
Junction Temperature 529-Lead CSP_BGA @
TAMBIENT 0°C to +70°C
TBD
TBD
°C
TJ
Junction Temperature 529-Lead CSP_BGA @
TAMBIENT –40°C to +85°C
TBD
TBD
°C
Table 27. TWI_VSEL Selections and VDD_EXT/VBUSTWI
VDD_EXT Nominal
VBUSTWI Min
VBUSTWI Nominal
VBUSTWI Max
Unit
TWI0001
1 Designs must comply with the VDD_EXT and VBUSTWI voltages specified for the default TWI_DT setting for correct JTAG boundary scan operation during reset.
3.30
3.13
3.30
3.47
V
TWI100
3.30
4.75
5.00
5.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com