Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 71 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 67Page - Analog Devices ADSP-SC583 Datasheet HTML 68Page - Analog Devices ADSP-SC583 Datasheet HTML 69Page - Analog Devices ADSP-SC583 Datasheet HTML 70Page - Analog Devices ADSP-SC583 Datasheet HTML 71Page - Analog Devices ADSP-SC583 Datasheet HTML 72Page - Analog Devices ADSP-SC583 Datasheet HTML 73Page - Analog Devices ADSP-SC583 Datasheet HTML 74Page - Analog Devices ADSP-SC583 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 71 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
PCIE0_TXP
InOut
TBD
PullDown
none
none
VDD_PCIE_TX
Desc: PCIE0 TX +
Notes: No notes
PC_00
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 0 | LP1
Clock | PWM0 Channel B Low
Side | SMC0 Read Enable | SPI0
Slave Select Output 4
Notes: No notes
PC_01
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 1 | SPI2
Clock
Notes: No notes
PC_02
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 2 | SPI2
Master In, Slave Out
Notes: No notes
PC_03
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 3 | SPI2
Master Out, Slave In
Notes: No notes
PC_04
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 4 | SPI2
Data 2
Notes: No notes
PC_05
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 5 | SPI2
Data 3
Notes: No notes
PC_06
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 6 | SPI2
Slave Select Output 1 | SPI2 Slave
Select Input
Notes: No notes
PC_07
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 7 | CAN0
Receive | SMC0 Memory Select 2
| SPI0 Slave Select Output 1 |
TIMER0 Alternate Capture Input
3
Notes: No notes
PC_08
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 8 | CAN0
Transmit | SMC0 Memory Select
3
Notes: No notes
PC_09
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 9 | SPI0
Clock
Notes: No notes
PC_10
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 10 | SPI0
Master In, Slave Out
Notes: No notes
PC_11
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 11 | SPI0
Master Out, Slave In | TIMER0
Clock
Notes: No notes
PC_12
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTC Position 12 | ACM0
External Trigger n | SMC0
Address 25 | SPI0 Ready | SPI0
Slave Select Output 3
Notes: No notes
Table 26. ADSP-SC58x/ADSP-2158x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Int
Term
Reset
Term
Reset
Drive
Power Domain
Description
and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com