Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 100 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 96Page - Analog Devices ADSP-SC583 Datasheet HTML 97Page - Analog Devices ADSP-SC583 Datasheet HTML 98Page - Analog Devices ADSP-SC583 Datasheet HTML 99Page - Analog Devices ADSP-SC583 Datasheet HTML 100Page - Analog Devices ADSP-SC583 Datasheet HTML 101Page - Analog Devices ADSP-SC583 Datasheet HTML 102Page - Analog Devices ADSP-SC583 Datasheet HTML 103Page - Analog Devices ADSP-SC583 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
Rev. PrF
|
Page 100 of 168
|
February 2016
Preliminary Technical Data
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
Mobile DDR SDRAM Write Cycle Timing
Table 52 and Figure 22 show mobile DDR SDRAM write cycle timing, related to the dynamic memory controller (DMC).
Table 52. Mobile DDR SDRAM Write Cycle Timing, VDD_DMCx Nominal 1.8 V
1
1 Specifications apply to both DMC0 and DMC1.
All specifications are based on simulation data and are subject to change without notice.
200 MHz2
2 In order to ensure proper operation of LPDDR, all the LPDDR guidelines must be strictly followed (see Engineer-to-Engineer Note EE-TBD).
Parameter
Min
Max
Unit
Switching Characteristics
tDQSS
3
3 Write command to first DMCx_DQS delay = WL × tCK + tDQSS.
DMCx_DQS Latching Rising Transitions to Associated Clock Edges
0.75
1.25
tCK
tDS
Last Data Valid to DMCx_DQS Delay (Slew > 1 V/ns)
0.48
ns
tDH
DMCx_DQS to First Data Invalid Delay (Slew > 1 V/ns)
0.48
ns
tDSS
DMCx_DQS Falling Edge to Clock Setup Time
0.2
tCK
tDSH
DMCx_DQS Falling Edge Hold Time From DMCx_CK
0.2
tCK
tDQSH
DMCx_DQS Input High Pulse Width
0.4
tCK
tDQSL
DMCx_DQS Input Low Pulse Width
0.4
tCK
tWPRE
Write Preamble
0.25
tCK
tWPST
Write Postamble
0.4
tCK
tIPW
Address and Control Output Pulse Width
2.3
ns
tDIPW
DMCx_DQ and DMCx_DM Output Pulse Width
1.8
ns
Figure 22. Mobile DDR SDRAM Controller Output AC Timing
DMCx_CK
DMCx_LDQS/DMCx_HDQS
DMCx_DQ0-15/
DMCx_LDQM/DMCx_HDQM
tDQSS
tDSH
tDSS
tDQSL
tDQSH
tWPST
tWPRE
tDS
tDH
tDIPW
DMCx CONTROL
Write CMD
Dn
Dn+1
Dn+2
Dn+3
NOTE: CONTROL =
DMCx_CSx, DMCx_CKE, DMCx_RAS, DMCx_CAS, AND DMCx_WE.
ADDRESS = DMCx_A00-13, AND DMCx_BA0-1.
tDIPW
tIPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com