Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 102 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 102 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 98Page - Analog Devices ADSP-SC583 Datasheet HTML 99Page - Analog Devices ADSP-SC583 Datasheet HTML 100Page - Analog Devices ADSP-SC583 Datasheet HTML 101Page - Analog Devices ADSP-SC583 Datasheet HTML 102Page - Analog Devices ADSP-SC583 Datasheet HTML 103Page - Analog Devices ADSP-SC583 Datasheet HTML 104Page - Analog Devices ADSP-SC583 Datasheet HTML 105Page - Analog Devices ADSP-SC583 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 168 page
background image
Rev. PrF
|
Page 102 of 168
|
February 2016
Preliminary Technical Data
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
DDR3 SDRAM Read Cycle Timing
Table 54 and Figure 24 show mobile DDR3 SDRAM read cycle timing, related to the dynamic memory controller (DMC).
Table 54. DDR3 SDRAM Read Cycle Timing VDD_DMCx Nominal 1.5 V1
1 Specifications apply to both DMC0 and DMC1.
All specifications are based on simulation data and are subject to change without notice.
450 MHz2
2 In order to ensure proper operation of the DDR3, all the DDR3 guidelines must be strictly followed (see Engineer-to-Engineer Note EE-TBD).
Parameter
Min
Max
Unit
Timing Requirements
tDQSQ
DMCx_DQS-DMCx_DQ Skew for DMCx_DQS and Associated DMCx_DQ
Signals
0.2
ns
tQH
DMCx_DQ, DMCx_DQS Output Hold Time From DMCx_DQS
0.38
tCK
tRPRE
Read Preamble
0.9
tCK
tRPST
Read Postamble
0.3
tCK
Figure 24. DDR3 SDRAM Controller Input AC Timing
DMCx_CKx
DMCx_LDQS/DMCx_UDQS
tRPRE
tDQSQ
tDQSQ
tQH
tRPST
DMCx_DQx
DMCx_CKx
DMCx_LDQS/DMCx_UDQS
tCK
tCH
tCL
tQH
DMCx_Ax
DMCx CONTROL
NOTE: CONTROL =
DMCx_CS0, DMCx_CKE, DMCx_RAS, DMCx_CAS, AND DMCx_WE.
ADDRESS = DMCx_A00-13, AND DMCx_BA0-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com