Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 92 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices ADSP-SC583 Datasheet HTML 90Page - Analog Devices ADSP-SC583 Datasheet HTML 91Page - Analog Devices ADSP-SC583 Datasheet HTML 92Page - Analog Devices ADSP-SC583 Datasheet HTML 93Page - Analog Devices ADSP-SC583 Datasheet HTML 94Page - Analog Devices ADSP-SC583 Datasheet HTML 95Page - Analog Devices ADSP-SC583 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 168 page
background image
Rev. PrF
|
Page 92 of 168
|
February 2016
Preliminary Technical Data
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
Asynchronous Page Mode Read
Table 43 and Figure 14 show asynchronous memory page mode read timing, related to the static memory controller (SMC).
Table 43. Asynchronous Page Mode Read
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Switching Characteristics
tAV
SMC0_Ax (Address) Valid for First Address Min Width1
1 PREST, RST, PREAT and RAT values set using the SMC_BxETIM.PREST bits, SMC_BxTIM.RST bits, SMC_BxETIM.PREAT bits, and the SMC_BxTIM.RAT bits.
(PREST + RST + PREAT + RAT) × tSCLK0 – 2
ns
tAV1
SMC0_Ax (Address) Valid for Subsequent SMC0_Ax
(Address) Min Width
PGWS × tSCLK0 – 2
ns
tWADV
SMC0_NORDV Active Low Width2
2 RST value set using the SMC_BxTIM.RST bits.
RST × tSCLK0 – 2
ns
tHARE
Output3 Hold After SMC0_ARE High4
3 Output signals are SMC0_Ax, SMC0_AMSx, SMC0_AOE.
4 RHT value set using the SMC_BxTIM.RHT bits.
RHT × tSCLK0 – 2
ns
tWARE
5
5 SMC_BxCTL.ARDYEN bit = 0.
SMC0_ARE Active Low Width6, 7
6 RAT value set using the SMC_BxTIM.RAT bits.
7 Nw = Number of 16-bit data words read.
(RAT + (Nw – 1) × PGWS) × tSCLK0 – 2
ns
Figure 14. Asynchronous Page Mode Read
SMC0_AMSx
(NOR_CE)
SMC0_ARE
(NOR_OE)
SMC0_AOE
NOR_ADV
SMC0_Dx
(NOR_Dx)
A0
tWADV
tHARE
D0
D1
D2
D3
A0 + 1
A0 + 2
A0 + 3
tAV
tAV1
tAV1
tAV1
READ
LATCHED
DATA
READ
LATCHED
DATA
READ
LATCHED
DATA
READ
LATCHED
DATA
SMC0_Ax
(NOR_Ax)
tWARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com