Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 86 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 86 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 82Page - Analog Devices ADSP-SC583 Datasheet HTML 83Page - Analog Devices ADSP-SC583 Datasheet HTML 84Page - Analog Devices ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices ADSP-SC583 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 168 page
background image
Rev. PrF
|
Page 86 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
The following equation is used to compute the power dissipa-
tion when the FFT accelerator is used:
IDDINT_ACCL_DYN (mA) = ASFACCL × fSYSCLK (MHz) × VDD_INT
(V)
Clock Current
The dynamic clock currents provide the total power dissipated
by all transistors switching in the clock paths. The power dissi-
pated by each clock domain is dependent on voltage (VDD_INT),
operating frequency and a unique scaling factor.
IDDINT_SYSCLK_DYN (mA) = 0.80 × fSYSCLK (MHz) × VDD_INT (V)
IDDINT_SCLK0_DYN (mA) = 0.40 × fSCLK0 (MHz) × VDD_INT (V)
IDDINT_SCLK1_DYN (mA) = 0.04 × fSCLK1 (MHz) × VDD_INT (V)
IDDINT_DCLK_DYN (mA) = 0.14 × fDCLK (MHz) × VDD_INT (V)
IDDINT_OCLK_DYN (mA) = 0.005 × fOCLK (MHz) × VDD_INT (V)
Current from High Speed Peripheral Operation
The following modules contribute significantly to power dissi-
pation and a single term is added when they are used.
IDDINT_USB_DYN = 20 mA (if USB enabled)
IDDINT_MLB_DYN = 10 mA (if MLB 6-pin interface is enabled)
IDDINT_GIGE_DYN = 10 mA (if Gigabit Ethernet MAC controller
is enabled)
Data Transmission Current
The data transmission current represents the power dissipated
when transmitting data. This current is proportional to the data
rate. Refer to the power calculator of this product to estimate
IDDINT_DMA_DR_DYN based on the bandwidth of the data
transfer.
Table 34. CCLK Dynamic Current per ARM Cortex-A5
Core (mA, with ASF = 1.00)
fCCLK (MHz)
Voltage (VDD_INT)
1.000
1.050
1.100
1.150
1.200
450
49.5
52.0
54.5
56.9
59.4
400
44.0
46.2
48.4
50.6
52.8
350
38.5
40.4
42.4
44.3
46.2
300
33.0
34.7
36.3
38.0
39.6
250
27.5
28.9
30.3
31.6
33.0
200
22.0
23.1
24.2
25.3
26.4
150
16.5
17.3
18.2
19.0
19.8
100
11.0
11.6
12.1
12.7
13.2
Table 35. Activity Scaling Factors for FFT Accelerator
(ASFA5)
IDDINT Power Vector
ASFACCL
Unused
0.0
IDD-TYPP
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com