Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 17 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 17 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
The ACM synchronizes the ADC conversion process, generat-
ing the ADC controls, the ADC conversion start signal, and
other signals. The actual data acquisition from the ADC is done
by an internal DAI routing of ACM with SPORT0.
The processors interface directly to many ADCs without any
glue logic required.
3-Phase Pulse Width Modulator (PWM) Units
The pulse width modulator (PWM) module is a flexible and
programmable waveform generator. With minimal CPU inter-
vention the PWM peripheral is capable of generating complex
waveforms for motor control, pulse coded modulation (PCM),
digital-to-analog Conversion (DAC), power switching and
power conversion. The PWM module has four PWM pairs
capable of 3-phase PWM generation for source inverters for AC
induction and DC brushless motors.
The three 3-phase PWM generation units each feature:
• 16-bit center-based PWM generation unit
• Programmable PWM pulse width
• Single update mode with option for asymmetric duty
• Programmable dead time and switching frequency
• Programmable dead time per channel
• Twos-complement implementation which permits smooth
transition to full ON and full OFF states
• Dedicated asynchronous PWM shutdown signal
Ethernet MAC (EMAC)
The processor features two EMACs: 10/100 Std Ethernet and
10/100/1000 Std/AVB Ethernet with precision time protocol
IEEE-1588.
The processors can directly connect to a network by way of an
embedded fast Ethernet media access controller (MAC) that
supports 10-BaseT (10M bits/sec), 100-BaseT (100M bits/sec)
and 1000-BaseT (1G bits/sec) operations. The 10/100 Ethernet
MAC peripheral on the processors is fully compliant to the
IEEE 802.3-2002 standard and it provides programmable fea-
tures designed to minimize supervision, bus use, or message
processing by the rest of the processor system.
Some standard features are:
• Support and RMII/RGMII protocols for external PHYs
• Full duplex and half-duplex modes
• Media access management (in half-duplex operation)
•Flow control
• Station management: generation of MDC/MDIO frames
for read-write access to PHY registers
Some advanced features are:
• Automatic checksum computation of IP header and IP
payload fields of RX frames
• Independent 32-bit descriptor-driven receive and transmit
DMA channels
• Frame status delivery to memory through DMA, including
frame completion semaphores for efficient buffer queue
management in software
• TX DMA support for separate descriptors for MAC header
and payload to eliminate buffer copy operations
• Convenient frame alignment modes
• 47 MAC management statistics counters with selectable
clear-on-read behavior and programmable interrupts on
half maximum value
• Advanced power management
• Magic packet detection and wakeup frame filtering
• Support for 802.3Q tagged VLAN frames
• Programmable MDC clock rate and preamble suppression
Audio Video Bridging (AVB) Support
(10/100/1000 EMAC Only)
The 10/100/1000 EMAC supports the following audio video
(AVB) features:
• Separate channels or queues for AV data transfer in
100 Mbps and 1000 Mbps modes
• IEEE 802.1-Qav specified credit-based shaper (CBS) algo-
rithm for the additional transmit channels
• Configuring up to two additional channels (Channel 1 and
Channel 2) on the transmit and receive paths for AV traffic.
Channel 0 is available by default and carries the legacy best-
effort Ethernet traffic on the transmit side.
• Separate DMA, Tx FIFO, and Rx FIFO for AVB latency
class
• Programmable control to route received VLAN tagged
non-AV packets to channels or queues
Precision Time Protocol IEEE 1588 Support
The IEEE 1588 standard is a precision clock synchronization
protocol for networked measurement and control systems. The
processors include hardware support for IEEE 1588 with an
integrated precision time protocol synchronization engine
(PTP_TSYNC). This engine provides hardware assisted time
stamping to improve the accuracy of clock synchronization
between PTP nodes. The main features of the engine are:
• Support for both IEEE 1588-2002 and IEEE 1588-2008 pro-
tocol standards
• Hardware assisted time stamping capable of up to 12.5 ns
resolution
•Lock adjustment
• Automatic detection of IPv4 and IPv6 packets, as well as
PTP messages
• Multiple input clock sources (SCLK0, RGMII, RMII, RMII
clock, external clock)
• Programmable pulse per second (PPS) output
• Auxiliary snapshot to time stamp external events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com