Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 12 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices ADSP-SC583 Datasheet HTML 10Page - Analog Devices ADSP-SC583 Datasheet HTML 11Page - Analog Devices ADSP-SC583 Datasheet HTML 12Page - Analog Devices ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 168 page
background image
Rev. PrF
|
Page 12 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
System Crossbars (SCB)
The system crossbars (SCB) are the fundamental building
blocks of a switch-fabric style for (on-chip) system bus inter-
connection. The SCBs connect system bus masters to system
bus slaves, providing concurrent data transfer between multiple
bus masters and multiple bus slaves. A hierarchical model—
built from multiple SCBs—provides a power and area efficient
system interconnect, which satisfies the performance and flexi-
bility requirements of a specific system.
The SCBs provide the following features:
• Highly efficient, pipelined bus transfer protocol for sus-
tained throughput
• Full-duplex bus operation for flexibility and reduced
latency
• Concurrent bus transfer support to allow multiple bus
masters to access bus slaves simultaneously
• Protection model (privileged/secure) support for selective
bus interconnect protection
Direct Memory Access (DMA)
The processors use direct memory access (DMA) to transfer
data within memory spaces or between a memory space and a
peripheral. The processors can specify data transfer operations
and return to normal processing while the fully integrated DMA
controller carries out the data transfers independent of proces-
sor activity.
DMA transfers can occur between memory and a peripheral or
between one memory and another memory. Each memory-to-
memory DMA stream uses two channels, where one channel is
the source channel, and the second is the destination channel.
All DMAs can transport data to and from all on-chip and off-
chip memories. Programs can use two types of DMA transfers,
descriptor-based or register-based. Register-based DMA allows
the processors to program DMA control registers directly to ini-
tiate a DMA transfer. On completion, the control registers
automatically update with their original setup values for contin-
uous transfer. Descriptor-based DMA transfers require a set of
parameters stored within memory to initiate a DMA sequence.
Descriptor-based DMA transfers allow multiple DMA
sequences to be chained together. Program a DMA channel to
set up and start another DMA transfer automatically after the
current sequence completes.
The DMA engine supports the following DMA operations:
• A single linear buffer that stops on completion
• A linear buffer with negative, positive or zero stride length
• A circular, auto-refreshing buffer that interrupts when each
buffer becomes full
• A similar buffer that interrupts on fractional buffers (for
example, 1/2, 1/4)
• 1D DMA: Uses a set of identical ping-pong buffers defined
by a linked ring of two-word descriptor sets, each contain-
ing a link pointer and an address
• 1D DMA: Uses a linked list of four word descriptor sets
containing a link pointer, an address, a length, and a
configuration
• 2D DMA: Uses an array of one-word descriptor sets, speci-
fying only the base DMA address
• 2D DMA: Uses a linked list of multi-word descriptor sets,
specifying everything
Table 7. Memory Map of Mapped I/Os
Byte Address Space
ARM – Data Access and
Instruction Fetch
SHARC – Data Access
Normal Word Address
Space for Data Access
SHARC
SHARC Core Instruction Fetch
VISA Space
ISA Space
SMC Bank 0 (64 MB)
0x40000000–0x43FFFFFF
0x01000000–0x01FFFFFF
0x00F00000–0x00F3FFFF
0x00700000–0x0073FFFF
SMC Bank 1 (64 MB)
0x44000000–0x47FFFFFF
Not Available
Not Available
Not Available
SMC Bank 2 (64 MB)
0x48000000–0x4BFFFFFF
Not Available
Not Available
Not Available
SMC Bank 3 (64 MB)
0x4C000000–0x4FFFFFFF
Not Available
Not Available
Not Available
PCIe Data (256 MB)
0x50000000–0x5FFFFFFF
0x02000000–0x03FFFFFF
0x00F40000–0x00F7FFFF
0x00740000–0x0077FFFF
SPI2 Memory (512 MB)
0x60000000–0x7FFFFFFF
0x04000000–0x07FFFFFF
0x00F80000–0x00FFFFFF
0x00780000–0x007FFFFF
Table 8. DMC Memory Map
Byte Address Space
ARM – Data Access and
Instruction Fetch
SHARC – Data Access
Normal Word Address
Space for Data Access
SHARC
SHARC Core Instruction Fetch
VISA Space
ISA Space
DMC0 – 1 GB
0x80000000–0xBFFFFFFF
0x10000000–0x17FFFFFF
0x00800000–0x00AFFFFF
0x00400000–0x004FFFFF
DMC1 – 1 GB
0xC0000000–0xFFFFFFFF
0x18000000–0x1FFFFFFF
0x00C00000–0x00EFFFFF
0x00600000–0x006FFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com