| Electronic Components Datasheet Search |
|
ADSP-SC583 Datasheet(PDF) 51 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC583 Datasheet(HTML) 51 Page - Analog Devices |
|
51 / 168 page ![]() Preliminary Technical Data Rev. PrF | Page 51 of 168 | February 2016 ADSP-SC582/583/584/587/589/ADSP-21583/584/587 SPI2_RDY SPI2 Ready E PE_12 SPI2_SEL1 SPI2 Slave Select Output 1 C PC_06 SPI2_SEL2 SPI2 Slave Select Output 2 E PE_03 SPI2_SEL3 SPI2 Slave Select Output 3 E PE_04 SPI2_SEL4 SPI2 Slave Select Output 4 E PE_05 SPI2_SEL5 SPI2 Slave Select Output 5 E PE_06 SPI2_SS SPI2 Slave Select Input C PC_06 SYS_BMODE0 Boot Mode Control 0 Not Muxed SYS_BMODE0 SYS_BMODE1 Boot Mode Control 1 Not Muxed SYS_BMODE1 SYS_BMODE2 Boot Mode Control 2 Not Muxed SYS_BMODE2 SYS_CLKIN0 Clock/Crystal Input Not Muxed SYS_CLKIN0 SYS_CLKIN1 Clock/Crystal Input Not Muxed SYS_CLKIN1 SYS_CLKOUT Processor Clock Output Not Muxed SYS_CLKOUT SYS_FAULT Active-High Fault Output Not Muxed SYS_FAULT SYS_FAULT Active-Low Fault Output Not Muxed SYS_FAULT SYS_HWRST Processor Hardware Reset Control Not Muxed SYS_HWRST SYS_RESOUT Reset Output Not Muxed SYS_RESOUT SYS_XTAL0 Crystal Output Not Muxed SYS_XTAL0 SYS_XTAL1 Crystal Output Not Muxed SYS_XTAL1 TM0_ACI0 TIMER0 Alternate Capture Input 0 C PC_14 TM0_ACI1 TIMER0 Alternate Capture Input 1 B PB_03 TM0_ACI2 TIMER0 Alternate Capture Input 2 D PD_13 TM0_ACI3 TIMER0 Alternate Capture Input 3 C PC_07 TM0_ACI4 TIMER0 Alternate Capture Input 4 B PB_10 TM0_ACLK1 TIMER0 Alternate Clock 1 D PD_08 TM0_ACLK2 TIMER0 Alternate Clock 2 D PD_09 TM0_ACLK3 TIMER0 Alternate Clock 3 B PB_00 TM0_ACLK4 TIMER0 Alternate Clock 4 B PB_01 TM0_CLK TIMER0 Clock C PC_11 TM0_TMR0 TIMER0 Timer 0 E PE_09 TM0_TMR1 TIMER0 Timer 1 B PB_15 TM0_TMR2 TIMER0 Timer 2 B PB_10 TM0_TMR3 TIMER0 Timer 3 B PB_07 TM0_TMR4 TIMER0 Timer 4 B PB_08 TM0_TMR5 TIMER0 Timer 5 B PB_14 TM0_TMR6 TIMER0 Timer 6 F PF_00 TM0_TMR7 TIMER0 Timer 7 F PF_01 TRACE0_CLK TRACE0 Trace Clock G PG_00 TRACE0_CLK TRACE0 Trace Clock D PD_10 TRACE0_D00 TRACE0 Trace Data F PF_13 TRACE0_D00 TRACE0 Trace Data 0 D PD_02 TRACE0_D01 TRACE0 Trace Data 1 D PD_03 TRACE0_D01 TRACE0 Trace Data F PF_14 TRACE0_D02 TRACE0 Trace Data F PF_15 TRACE0_D02 TRACE0 Trace Data 2 D PD_04 TRACE0_D03 TRACE0 Trace Data G PG_01 TRACE0_D03 TRACE0 Trace Data 3 D PD_05 TRACE0_D04 TRACE0 Trace Data G PG_02 Table 18. ADSP-SC58x/ADSP-2158x 529-Ball CSP_BGA Signal Descriptions (Continued) Signal Name Description Port Pin Name |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |