Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 85 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 81Page - Analog Devices ADSP-SC583 Datasheet HTML 82Page - Analog Devices ADSP-SC583 Datasheet HTML 83Page - Analog Devices ADSP-SC583 Datasheet HTML 84Page - Analog Devices ADSP-SC583 Datasheet HTML 85Page - Analog Devices ADSP-SC583 Datasheet HTML 86Page - Analog Devices ADSP-SC583 Datasheet HTML 87Page - Analog Devices ADSP-SC583 Datasheet HTML 88Page - Analog Devices ADSP-SC583 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 85 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
Total Internal Power Dissipation
Total power dissipation has two components:
1. Static, including leakage current
2. Dynamic, due to transistor switching characteristics for
each clock domain
Many operating conditions can also affect power dissipation,
including temperature, voltage, operating frequency, and pro-
cessor activity. The following equation describes the internal
current consumption.
IDDINT_TOT =IDDINT_STATIC + IDDINT_CCLK_SHARC1_DYN +
IDDINT_CCLK_SHARC2_DYN + IDDINT_CCLK_A5_DYN +
IDDINT_DCLK_DYN + IDDINT_SYSCLK_DYN + IDDINT_SCLK0_DYN +
IDDINT_SCLK1_DYN + IDDINT_OCLK_DYN + IDDINT_ACCL_DYN +
IDDINT_USB_DYN + IDDINT_MLB_DYN + IDDINT_GIGE_DYN +
IDDINT_DMA_DR_DYN
IDDINT_STATIC is the only item present that is part of the static
power dissipation component. IDDINT_STATIC is specified as a
function of voltage (VDD_INT) and temperature (see Table 30).
There are 13 different items that contribute to the dynamic
power dissipation. These components fall into four broad cate-
gories: application-dependent currents, clock currents, currents
from high-speed peripheral operation, and data transmission
currents.
Application-Dependent Current
The application-dependent currents include the dynamic cur-
rent in the core clock domain of the two SHARC+ cores and the
ARM Cortex-A5 core and accelerator currents.
Core clock (CCLK) use is subject to an activity scaling factor
(ASF) that represents application code running on the processor
cores (Table 31 andTable 32). The ASF is combined with the
CCLK frequency and VDD_INT dependent data in Table 33 to
calculate this portion.
IDDINT_CCLK_SHARC1_DYN = Table 33 × ASFSHARC1
IDDINT_CCLK_SHARC2_DYN = Table 33 × ASFSHARC2
IDDINT_CCLK_A5_DYN = Table 34 × ASFA5
Table 30. Static Current—IDDINT_STATIC (mA)
TJ (°C)
Voltage (VDD_INT)
1.00
1.05
1.10
1.15
1.20
–40
345
6
8
–20
7810
12
14
0
141619
23
27
25
30
35
41
48
56
40
48
55
64
74
86
55
73
84
97
112
128
70
111
127
145
166
189
85
166
188
213
242
275
100
239
269
304
343
388
105
268
302
340
384
433
115
337
378
425
478
538
125
426
477
534
599
672
133
502
560
625
700
784
Table 31. Activity Scaling Factors for SHARC+ Core1 and
Core2 (ASFSHARC1 and ASFSHARC2)
IDDINT Power Vector
ASF
IDD-IDLE
0.27
IDD-NOP
0.51
IDD-TYP_3070
0.72
IDD-TYP_5050
0.86
IDD-TYP_7030
1.00
IDD-PEAK_100
1.13
Table 32. Activity Scaling Factors for ARM Cortex-A5
Core (ASFA5)
IDDINT Power Vector
ASF
IDD-IDLE
0.07
IDD-DHRYSTONE
0.64
IDD-PEAK
1.26
Table 33. CCLK Dynamic Current per SHARC+ Core
(mA, with ASF = 1.00)
fCCLK (MHz)
Voltage (VDD_INT)
1.000
1.050
1.100
1.150
1.200
450
288
302.4
316.8
331.2
345.6
400
256
268.8
281.6
294.4
307.2
350
224
235.2
246.4
257.6
268.8
300
192
201.6
211.2
220.8
230.4
250
160
168
176
184
192
200
128
134.4
140.8
147.2
153.6
150
96
100.8
105.6
110.4
115.2
100
64
67.2
70.4
73.6
76.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com