Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices ADSP-SC583 Datasheet HTML 16Page - Analog Devices ADSP-SC583 Datasheet HTML 17Page - Analog Devices ADSP-SC583 Datasheet HTML 18Page - Analog Devices ADSP-SC583 Datasheet HTML 19Page - Analog Devices ADSP-SC583 Datasheet HTML 20Page - Analog Devices ADSP-SC583 Datasheet HTML 21Page - Analog Devices ADSP-SC583 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 168 page
background image
Rev. PrF
|
Page 18 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
Controller Area Network (CAN)
There are two CAN modules. A CAN controller implements the
CAN 2.0B (active) protocol. This protocol is an asynchronous
communications protocol used in both industrial and automo-
tive control systems. The CAN protocol is well suited for
control applications due to its capability to communicate
reliably over a network. This is because the protocol incorpo-
rates CRC checking, message error tracking, and fault node
confinement.
The CAN controller offers the following features:
• 32 mailboxes (8 receive only, 8 transmit only, 16 configu-
rable for receive or transmit)
• Dedicated acceptance masks for each mailbox
• Additional data filtering on first two bytes
• Support for both the standard (11-bit) and extended (29-
bit) identifier (ID) message formats
• Support for remote frames
• Active or passive network support
• Interrupts, including: TX complete, RX complete, error
and global
An additional crystal is not required to supply the CAN clock, as
the CAN clock is derived from a system clock through a pro-
grammable divider.
Timers
The processors include several timers which are described in the
following sections.
General-Purpose Timers (TIMER)
There is one GP timer unit, and it provides eight general-pur-
pose programmable timers. Each timer has an external pin that
can be configured either as a pulse width modulator (PWM) or
timer output, as an input to clock the timer, or as a mechanism
for measuring pulse widths and periods of external events.
These timers can be synchronized to an external clock input on
the TIMER_TMRx pins, an external TIMER_CLK input pin, or
to the internal SCLK0.
These timer units can be used in conjunction with the UARTs
and the CAN controller to measure the width of the pulses in
the data stream to provide a software auto-baud detect function
for the respective serial channels.
The GP timers can generate interrupts to the processor core,
providing periodic events for synchronization to either the sys-
tem clock or to external signals. Timer events can also trigger
other peripherals via the TRU (for instance, to signal a fault).
Each timer may also be started and/or stopped by any TRU
master without core intervention.
Watchdog Timer (WDT)
Two on-chip software watchdog timers can be used by the ARM
and/or SHARC+ cores. A software watchdog can improve sys-
tem availability by forcing the processors to a known state, via a
general-purpose interrupt, or a fault, if the timer expires before
being reset by software. The programmer initializes the count
value of the timer, enables the appropriate interrupt, then
enables the timer. Thereafter, the software must reload the
counter before it counts down to zero from the programmed
value. This protects the system from remaining in an unknown
state where software that would normally reset the timer has
stopped running due to an external noise condition or software
error.
General-Purpose Counters (CNT)
A 32-bit counter is provided that can operate in general-pur-
pose up/down count modes and can sense 2-bit quadrature or
binary codes as typically emitted by industrial drives or manual
thumbwheels. Count direction is either controlled by a level-
sensitive input pin or by two edge detectors.
A third counter input can provide flexible zero marker support
and can alternatively be used to input the push-button signal of
thumbwheel devices. All three pins have a programmable
debouncing circuit.
Internal signals forwarded to a GP timer enable this timer to
measure the intervals between count events. Boundary registers
enable auto-zero operation or simple system warning by inter-
rupts when programmed count values are exceeded.
PCI Express (PCIe)
A PCI express interface is available on some product variants.
This single, bidirectional lane can be configured to be either a
root complex (RC) or end point (EP) system. The interface has
the following features:
• Compliance with the PCI Express Base Specification 3.0
• Support for transfers at either 2.5 Gbps (Gen 1.1) or
5.0 Gbps (Gen 2) in each direction
• Support for 8b/10b encode and decode
• Lane reversal and lane polarity inversion
• Flow control of data in both the transmit and receive
directions
• Support for removal of corrupted packets for error detec-
tion and recovery
• Maximum transaction payload of 256 bytes
Housekeeping Analog-to-Digital Converter (HADC)
The HADC provides a general-purpose, multi-channel succes-
sive approximation A-to-D converter. It supports the following
set of features:
• 12-bit ADC core (10-bit accuracy) with built in sample and
hold
• 8 single-ended input channels that can be extended to 15
channels by adding an external channel multiplexer
• Throughput rates up to 1 MSPS
• Single external reference with analog inputs between 0 and
3.3 V
• Selectable ADC clock frequency including the ability to
program a pre-scaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com