Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 74 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 70Page - Analog Devices ADSP-SC583 Datasheet HTML 71Page - Analog Devices ADSP-SC583 Datasheet HTML 72Page - Analog Devices ADSP-SC583 Datasheet HTML 73Page - Analog Devices ADSP-SC583 Datasheet HTML 74Page - Analog Devices ADSP-SC583 Datasheet HTML 75Page - Analog Devices ADSP-SC583 Datasheet HTML 76Page - Analog Devices ADSP-SC583 Datasheet HTML 77Page - Analog Devices ADSP-SC583 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 168 page
background image
Rev. PrF
|
Page 74 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587 Preliminary Technical Data
PE_02
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 2 | EPPI0
Frame Sync 1 (HSYNC) | SPI0
Slave Select Output 6 | SHARC
Core 2 Flag Pin | UART1 Request
to Send
Notes: No notes
PE_03
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 3 | EPPI0
Clock | SPI0 Slave Select Output
7 | SPI2 Slave Select Output 2 |
SHARC Core 1 Flag Pin
Notes: No notes
PE_04
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 4 | EPPI0
Data 8 | PWM2 Channel D High
Side | SPI2 Slave Select Output 3
| SHARC Core 2 Flag Pin
Notes: No notes
PE_05
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 5 | EPPI0
Data 7 | PWM2 PWMTMR
Grouped | SPI2 Slave Select
Output 4 | SHARC Core 1 Flag Pin
Notes: No notes
PE_06
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 6 | EPPI0
Data 6 | SPI2 Slave Select Output
5 | SHARC Core 2 Flag Pin
Notes: No notes
PE_07
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 7 | EPPI0
Data 5 | SPI1 Slave Select Output
2 | SHARC Core 1 Flag Pin
Notes: No notes
PE_08
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 8 | EPPI0
Data 4 | SPI1 Ready | SPI1 Slave
Select Output 5 | SHARC Core 2
Flag Pin
Notes: No notes
PE_09
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 9 | EPPI0
Data 3 | PWM0 PWMTMR
Grouped | SMC0 Data 3 | TIMER0
Timer 0
Notes: No notes
PE_10
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 10 | EPPI0
Data 2 | PWM2 Channel D Low
Side | SMC0 Data 2 | UART2
Request to Send
Notes: No notes
PE_11
InOut
A
PullDown
none
none
VDD_EXT
Desc: PORTE Position 11 | EPPI0
Data 1 | SMC0 Data 1 | SPI1 Slave
Select Output 3 | UART2 Clear to
Send | SPI1 Slave Select Input
Notes: No notes
Table 26. ADSP-SC58x/ADSP-2158x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Int
Term
Reset
Term
Reset
Drive
Power Domain
Description
and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com