Electronic Components Datasheet Search
  English  ▼

X  

ADSP-SC583 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-SC583
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC583 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-SC583 Datasheet HTML 7Page - Analog Devices ADSP-SC583 Datasheet HTML 8Page - Analog Devices ADSP-SC583 Datasheet HTML 9Page - Analog Devices ADSP-SC583 Datasheet HTML 10Page - Analog Devices ADSP-SC583 Datasheet HTML 11Page - Analog Devices ADSP-SC583 Datasheet HTML 12Page - Analog Devices ADSP-SC583 Datasheet HTML 13Page - Analog Devices ADSP-SC583 Datasheet HTML 14Page - Analog Devices ADSP-SC583 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 11 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
SYSTEM MEMORY MAP
Table 4. L1 Block 0, 1, 2, and 3 SHARC Addressing Memory Map (Private Address Space)
Memory
Long Word (64 Bits)
Extended Precision/
ISA Code
(48 Bits)
Normal Word
(32 Bits)
Short Word/
VISA Code (16 Bits)
Byte Access (8 Bits)
L1 Block 0 SRAM
(1.5 Mb)
0x00048000–
0x0004DFFF
0x00090000–
0x00097FFF
0x00090000–
0x0009BFFF
0x00120000–
0x00137FFF
0x00240000–
0x0026FFFF
L1 Block 1 SRAM
(1.5 Mb)
0x00058000–
0x0005DFFF
0x000B0000–
0x000B7FFF
0x000B0000–
0x000BBFFF
0x00160000–
0x00177FFF
0x002C0000–
0x002EFFFF
L1 Block 2 SRAM
(1 Mb)
0x00060000–
0x00063FFF
0x000C0000–
0x000C5554
0x000C0000–
0x000C7FFF
0x00180000–
0x0018FFFF
0x00300000–
0x0031FFFF
L1 Block 3 SRAM
(1 Mb)
0x00070000–
0x00073FFF
0x000E0000–
0x000E5554
0x000E0000–
0x000E7FFF
0x001C0000–
0x001CFFFF
0x00380000–
0x0039FFFF
Table 5. L2 Memory Addressing Map
Memory
Byte Address Space
ARM – Data Access and
Instruction Fetch
SHARC – Data Access
Normal Word Address
Space for Data Access
SHARC
Instruction Fetch
VISA Address Space
SHARC
Instruction Fetch
ISA Address Space
SHARC
L2 Boot-ROM01
1 From the ARM point of view, L2 Boot-ROM0 byte address space is 0x 0000 0000–0x 0000 7FFF.
ARM: 0x00000000–0x00007FFF
0x08000000–0x08001FFF
0x00B80000–0x00B83FFF
0x00580000–0x00581555
SHARC/DMA: 0x20000000–0x20007FFF
L2 RAM (2 Mb)
0x20080000–0x200BFFFF
0x08020000–0x0802FFFF
0x00BA0000–0x00BBFFFF 0x005A0000–0x005AAAAF
Boot ROM1
0x20100000–0x20107FFF
0x08040000–0x08041FFF
0x00B00000–0x00B03FFF
0x00500000–0x00501555
L2 ROM1
0x20180000–0x201BFFFF
0x08060000–0x0806FFFF
0x00B20000–0x00B3FFFF
0x00520000–0x0052AAAF
Boot ROM2
0x20200000–0x20207FFF
0x08080000–0x08081FFF
0x00B40000–0x00B43FFF
0x00540000–0x00541555
L2 ROM2
0x20280000–0x202BFFFF
0x080A0000–0x080AFFFF
0x00B60000–0x00B7FFFF
0x00560000–0x0056AAAF
Table 6. SHARC L1 Memory in Multiprocessor Space
Memory
Block
Byte Address Space
for ARM and SHARC
Normal Word Address Space
for SHARC
L1 Memory of SHARC1 in
Multiprocessor Space
Address via Slave1 Port
Block0
0x28240000–0x28270000
0x0A090000–0x0A09C000
Block1
0x282C0000–0x282F0000
0x0A0B0000–0x0A0BC000
Block2
0x28300000–0x28320000
0x0A0C0000–0x0A0C8000
Block3
0x28380000–0x283A0000
0x0A0E0000–0x0A0E8000
Address via Slave2 Port
Block0
0x28640000–0x28670000
0x0A190000–0x0A19C000
Block1
0x286C0000–0x286F0000
0x0A1B0000–0x0A1BC000
Block2
0x28700000–0x28720000
0x0A1C0000–0x0A1C8000
Block3
0x28780000–0x287A0000
0x0A1E0000–0x0A1E8000
L1 Memory of SHARC2 in
Multiprocessor Space
Address via Slave1 Port
Block0
0x28A40000–0x28A70000
0x0A290000–0x0A29C000
Block1
0x28AC0000–0x28AF0000
0x0A2B0000–0x0A2BC000
Block2
0x28B00000–0x28B20000
0x0A2C0000–0x0A2C8000
Block3
0x28B80000–0x28BA0000
0x0A2E0000–0x0A2E8000
Address via Slave2 Port
Block0
0x28E40000–0x28E70000
0x0A390000–0x0A39C000
Block1
0x28EC0000–0x28EF0000
0x0A3B0000–0x0A3BC000
Block2
0x28F00000–0x28F20000
0x0A3C0000–0x0A3C8000
Block3
0x28F80000–0x28FA0000
0x0A3E0000–0x0A3E8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com