Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 22Page - National Semiconductor (TI) DP83932C Datasheet HTML 23Page - National Semiconductor (TI) DP83932C Datasheet HTML 24Page - National Semiconductor (TI) DP83932C Datasheet HTML 25Page - National Semiconductor (TI) DP83932C Datasheet HTML 26Page - National Semiconductor (TI) DP83932C Datasheet HTML 27Page - National Semiconductor (TI) DP83932C Datasheet HTML 28Page - National Semiconductor (TI) DP83932C Datasheet HTML 29Page - National Semiconductor (TI) DP83932C Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
40 SONIC Registers (Continued)
TABLE 4-1 User Registers
(Continued)
RA5 – RA0
Access
Register
Symbol
Description
(section)
WATCHDOG COUNTERS
29
RW
Watchdog Timer 0
WT0
4312
2A
RW
Watchdog Timer 1
WT1
4312
SILICON REVISION
28
R
Silicon Revision
SR
4313
Note 1
These registers can only be read when the SONIC is in reset mode (RST bit in the CR is set) The SONIC gives invalid data when these registers are read in
non-reset mode
Note 2
This register can only be written to when the SONIC is in reset mode This register is normally only loaded by the Load CAM command
Note 3
The Data Configuration registers DCR and DCR2 can only be written to when the SONIC is in reset mode (RST bit in CR is set) Writing to these registers
while not in reset mode does not alter the registers
Note 4
The data written to these registers is inverted before being latched That is if a value of FFFFh is written these registers will contain and read back the
value of 0000h Data is not inverted during a read operation
TABLE 4-2 Internal Use Registers (Users should not write to these registers)
(RA5 – RA0)
Access
Register
Symbol
Description
(section)
TRANSMIT REGISTERS
08 (Note 1)
RW
Transmit Packet Size
TPS
35
09
RW
Transmit Fragment Count
TFC
35
0A
RW
Transmit Start Address 0
TSA0
35
0B
RW
Transmit Start Address 1
TSA1
35
0C (Note 2)
RW
Transmit Fragment Size
TFS
35
20
RW
Temporary Transmit Descriptor Address
TTDA
354
2F
R
Maximum Deferral Timer
MDT
434
RECEIVE REGISTERS
0F
RW
Current Receive Buffer Address 0
CRBA0
342 3442
10
RW
Current Receive Buffer Address 1
CRBA1
342 3442
11
RW
Remaining Buffer Word Count 0
RBWC0
342 3442
12
RW
Remaining Buffer Word Count 1
RBWC1
342 3442
19
RW
Temporary Receive Buffer Address 0
TRBA0
3462
1A
RW
Temporary Receive Buffer Address 1
TRBA1
3462
1B
RW
Temporary Buffer Word Count 0
TBWC0
3462
1C
RW
Temporary Buffer Word Count 1
TBWC1
3462
1F
RW
Last Link Field Address
LLFA
none
ADDRESS GENERATORS
1D
RW
Address Generator 0
ADDR0
none
1E
RW
Address Generator 1
ADDR1
none
Note 1
The data that is read from these registers is the inversion of what has been written to them
Note 2
The value that is written to this register is shifted once in 16-bit mode and shifted twice in 32-bit mode
TABLE 4-3 Internal Use Registers (Users should not access these registers)
(RA5 – RA0)
Access
Register
Symbol
Description
(section)
30
These registers are for factory use only Users must not

RW
address these registers as improper SONIC operation
none
none
3E
can occur
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com