Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 84Page - National Semiconductor (TI) DP83932C Datasheet HTML 85Page - National Semiconductor (TI) DP83932C Datasheet HTML 86Page - National Semiconductor (TI) DP83932C Datasheet HTML 87Page - National Semiconductor (TI) DP83932C Datasheet HTML 88Page - National Semiconductor (TI) DP83932C Datasheet HTML 89Page - National Semiconductor (TI) DP83932C Datasheet HTML 90Page - National Semiconductor (TI) DP83932C Datasheet HTML 91Page - National Semiconductor (TI) DP83932C Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
70 AC and DC Specifications (Continued)
REGISTER READ BMODE e 0
(Note 1)
TLF10492 – 88
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T56
CS Asynch Setup to BSCK (Notes 4 6)
8
7
6
ns
T60a
CS and SAS to SMACK Low (Notes 3 5 6)
0
4
0404
bcyc
T62
SAS Asynch Setup to BSCK (Notes 4 6)
7
6
5
ns
T63
Register Address Setup Time to SAS
765
ns
T64
Register Address Hold Time from SAS
876
ns
T65
Minimum SAS Low Width (Notes 4 6)
20
17
15
ns
T68
SWR (Read) Hold from SAS
876
ns
T73
SWR (Read) Setup to SAS
765
ns
T75
BSCK to RDYo Low
20
18
16
ns
T76
SAS or CS to RDYo High (Note 2)
34
32
30
ns
T79
SAS or CS to SMACK High (Note 2)
18
16
14
ns
T81
BSCK to SMACK Low
22
20
18
ns
T82
BSCK to Register Data Valid
44
42
40
ns
T85
SAS or CS to Data TRI-STATE (Notes 2 7)
34
32
30
ns
T85a
Min CS Deassert Time (Note 3)
1
1
1
bcyc
Note 1
This figure shows a slave access to the SONIC The BSCK states (T1 T2 etc) are the equivalent processor states during a slave access
Note 2
If CS is deasserted before the falling edge of SAS T76 T79 and T85 are referenced from the rising edge of CS
Note 3
bcyc e bus clock cycle time (T3)
Note 4
It is not necessary to meet the setup time for CS (T56) and the setup time for SAS (T62) since these signals are asynchronously sampled Meeting these
setup times for these signals however makes it possible to use T60a to determine exactly when SMACK will be asserted For multiple register accesses CS can
be held low and SAS can be used to delimit the slave cycle In this case SMACK will be driven low by the SONIC after T60a when T62 is met T85a must be met to
ensure proper slave operation once CS is deasserted
Note 5
The smaller value for T60a refers to when the SONIC is accessed during an Idle condition and the other value refers to when the SONIC is accessed during
non-idle conditions These values are not tested but are guaranteed by design
Note 6
SAS may be asserted low anytime before or simultaneous to the falling edge of CS Register address and slave readwrite signals are latched on the rising
edge of the SAS and if T62 is met SMACK will be asserted by the SONIC after T60a If T62 is not met SONIC will sample SAS again on the next falling edge of the
clock and SMACK will not be asserted until SAS is deasserted
Note 7
This timing value includes an RC delay inherent in the test measurement These signals typically TRI-STATE 7 ns earlier enabling other devices to drive
these lines without contention
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com