Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 90Page - National Semiconductor (TI) DP83932C Datasheet HTML 91Page - National Semiconductor (TI) DP83932C Datasheet HTML 92Page - National Semiconductor (TI) DP83932C Datasheet HTML 93Page - National Semiconductor (TI) DP83932C Datasheet HTML 94Page - National Semiconductor (TI) DP83932C Datasheet HTML 95Page - National Semiconductor (TI) DP83932C Datasheet HTML 96Page - National Semiconductor (TI) DP83932C Datasheet HTML 97Page - National Semiconductor (TI) DP83932C Datasheet HTML 98Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 94 / 98 page
background image
70 AC and DC Specifications (Continued)
ENDEC TRANSMIT TIMING
TLF10492 – 75
Number
Parameter
Min
Max
Units
T87
Transmit Clock High Time (Note 1)
40
ns
T88
Transmit Clock Low Time (Note 1)
40
ns
T89
Transmit Clock Cycle Time (Note 1)
9999
10001
ns
T95
Transmit Output Delay (Note 1)
55
ns
T96
Transmit Output Fall Time (80% to 20% Note 1)
7
ns
T97
Transmit Output Rise Time (20% to 80% Note 1)
7
ns
T98
Transmit Output Jitter (Not Shown)
05 Typical
ns
T100
Transmit Output High before Idle (Half Step)
200
ns
T101
Transmit Output Idle Time (Half Step)
8000
ns
Note 1
This specification is provided for information only and is not tested
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com