| Electronic Components Datasheet Search |
|
DP83932C Datasheet(PDF) 40 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83932C Datasheet(HTML) 40 Page - National Semiconductor (TI) |
|
40 / 98 page ![]() 40 SONIC Registers (Continued) 438 Transmit Registers The transmit registers described in this section are part of the User Register set The UTDA and CTDA must be initial- ized prior to issuing the transmit command (setting the TXP bit) in the Command register Upper Transmit Descriptor Address Register (UTDA) This register contains the upper address bits (Ak3116l) for accessing the transmit descriptor area (TDA) and is con- catenated with the contents of the CTDA when the SONIC accesses the TDA in system memory The TDA can be as large as 32k words or 16k long words and can be located anywhere in system memory This register is unaffected by a hardware or software reset Current Transmit Descriptor Address Register (CTDA) The 16-bit CTDA register contains the lower address bits (Ak151l) of the 32-bit transmit descriptor address During initialization this register must be programmed with the low- er address bits of the transmit descriptor The SONIC con- catenates the contents of this register with the contents of the UTDA to point to the transmit descriptor For 32-bit memory systems bit 1 corresponding to address signal A1 must be set to ‘‘0’’ for alignment to long-word boundaries Bit 0 of this register is the End of List (EOL) bit and is used to denote the end of the list This register is unaffected by a hardware or software reset 439 Receive Registers The receive registers described in this section are part of the User Register set A software reset has no effect on these registers and a hardware reset only affects the EOBC and RSC registers The receive registers must be initialized prior to issuing the receive command (setting the RXEN bit) in the Command register Upper Receive Descriptor Address Register (URDA) This register contains the upper address bits (Ak3116l) for accessing the receive descriptor area (RDA) and is con- catenated with the contents of the CRDA when the SONIC accesses the RDA in system memory The RDA can be as large as 32k words or 16k long words and can be located anywhere in system memory This register is unaffected by a hardware or software reset Current Receive Descriptor Address Register (CRDA) The CRDA is a 16-bit readwrite register used to locate the received packet descriptor block within the RDA It contains the lower address bits (Ak151l) The SONIC concate- nates the contents of the CRDA with the contents of the URDA to form the complete 32-bit address The resulting 32-bit address points to the first field of the descriptor block For 32-bit memory systems bit 1 corresponding to address signal A1 must be set to ‘‘0’’ for alignment to long-word boundaries Bit 0 of this register is the End of List (EOL) bit and is used to denote the end of the list This register is unaffected by a hardware or software reset End of Buffer Word Count Register (EOBC) The SONIC uses the contents of this register to determine where to place the next packet At the end of packet reception the SONIC compares the contents of the EOBC register with the contents of the Remaining Buffer Word Count registers (RBWC01) to determine whether (1) to place the next packet in the same RBA or (2) to place the next packet in another RBA If the EOBC is less than or equal to the re- maining number of words in the RBA after a packet is re- ceived (ie EOB s RBWC01) the SONIC buffers the next packet in the same RBA If the EOBC is greater than the remaining number of words in the RBA after a packet is received (ie EOBC l RBWC01) the Last Packet in RBA bit LPKT in the Receive Control Register Section 433 is set and the SONIC fetches the next resource descriptor Hence the next packet received will be buffered in a new RBA A hardware reset sets this register to 02F8H (760 words or 1520 bytes) See Sections 342 and 3444 for more information about using EOBC Upper Receive Resource Address Register (URRA) The URRA is a 16-bit readwrite register It is programmed with the base address of the receive resource area (RRA) This 16-bit upper address value (Ak3116l) locates the receive resource area in system memory SONIC uses the URRA register when accessing the receive descriptors within the RRA by concatenating the lower address value from one of four receive resource registers (RSA REA RWP or RRP) Resource Start Address Register (RSA) The RSA is a 15-bit readwrite register The LSB is not used and always reads back as a 0 The RSA is programmed with the lower 15-bits (Ak151l) of the starting address of the receive resource area SONIC concatenates the contents of this register with the contents of the URRA to form the complete 32-bit address Resource End Address Register (REA) The REA is a 15-bit readwrite register The LSB is not used and always reads back as a 0 The REA is programmed with the lower 15-bits (Ak151l) of the ending address of the receive re- source area SONIC concatenates the contents of this reg- ister with the contents of the URRA to form the complete 32-bit address Resource Read Pointer Register (RRP) The RRP is a 15-bit readwrite register The LSB is not used and always reads back as a 0 The RRP is programmed with the lower 15-bit address (Ak151l) of the first field of the next de- scriptor the SONIC will read SONIC concatenates the con- tents of this register with the contents of the URRA to form the complete 32-bit address Resource Write Pointer Register (RWP) The RWP is a 15-bit readwrite register The LSB is not used and always reads back as a 0 The RWP is programmed with the lower 15-bit address (Ak151l) of the next available location the system can add a descriptor SONIC concatenates the con- tents of this register with the contents of the URRA to form the complete 32-bit address In 32-bit mode bit 1 corre- sponding to address signal A1 must be zero to insure the proper equality comparison between this register and the RRP register Receive Sequence Counter Register (RSC) This is a 16-bit readwrite register containing two fields The SONIC uses this register to provide status information on the num- ber of packets within a RBA and the number of RBAs The RSC register contains two 8-bit (modulo 256) counters Af- ter each packet is received the packet sequence number is incremented The SONIC maintains a single sequence num- ber for each RBA When the SONIC uses the next RBA the packet sequence number is reset to zero and the RBA se- quence number is incremented This register is reset to 0 by a hardware reset or by writing zero to it A software reset has no affect 15 8 7 0 RBA Sequence Number Packet Sequence Number (Modulo 256) (Modulo 256) 40 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |