Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 23Page - National Semiconductor (TI) DP83932C Datasheet HTML 24Page - National Semiconductor (TI) DP83932C Datasheet HTML 25Page - National Semiconductor (TI) DP83932C Datasheet HTML 26Page - National Semiconductor (TI) DP83932C Datasheet HTML 27Page - National Semiconductor (TI) DP83932C Datasheet HTML 28Page - National Semiconductor (TI) DP83932C Datasheet HTML 29Page - National Semiconductor (TI) DP83932C Datasheet HTML 30Page - National Semiconductor (TI) DP83932C Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
40 SONIC Registers (Continued)
43 REGISTER DESCRIPTION
431 Command Register
(RAk50le0h)
This register
(Figure 4-4 ) is used for issuing commands to the SONIC These commands are issued by setting the correspond-
ing bits for the function For all bits except for the RST bit the SONIC resets the bit after the command is completed With the
exception of RST writing a ‘‘0’’ to any bit has no effect Before any commands can be issued the RST bit must first be reset to
‘‘0’’ This means that if the RST bit is set two writes to the Command Register are required to issue a command to the SONIC
one to clear the RST bit and one to issue the command
This register also controls the general purpose 32-bit Watchdog Timer After the Watchdog Timer register has been loaded it
begins to decrement once the ST bit has been set to ‘‘1’’ An interrupt is issued when the count reaches zero if the Timer
Complete interrupt is enabled in the IMR
During hardware reset bits 7 4 and 2 are set to a ‘‘1’’ all others are cleared During software reset bits 9 8 1 and 0 are
cleared and bits 7 and 2 are set to a ‘‘1’’ all others are unaffected
15
14
13
12
11
10
9876543
2
1
0
000000
LCAM RRRA RST
0
ST
STP
RXEN RXDIS
TXP
HTX
rw
rw
rw
rw
rw
rw
rw
rw
rw
rwereadwrite
FIGURE 4-4 Command Register
Field
Meaning
LCAM
LOAD CAM
RRRA
READ RRA
RST
SOFTWARE RESET
ST
START TIMER
STP
STOP TIMER
RXEN
RECEIVER ENABLE
RXDIS
RECEIVER DISABLE
TXP
TRANSMIT PACKET(S)
HTX
HALT TRANSMISSION
Bit
Description
15 – 10
Must be 0
9
LCAM LOAD CAM
Setting this bit causes the SONIC to load the CAM with the descriptor that is pointed to by the CAM Descriptor
Pointer register
Note
This bit must not be set during transmission (TXP is set) The SONIC will lock up if both bits are set simultaneously
8
RRRA READ RRA
Setting this bit causes the SONIC to read the next RRA descriptor pointed to by the Resource Read Pointer (RRP)
register Generally this bit is only set during initialization Setting this bit during normal operation can cause improper
receive operation
7
RST SOFTWARE RESET
Setting this bit resets all internal state machines The CRC generator is disabled and the Tally counters are halted
but not cleared The SONIC becomes operational when this bit is reset to ‘‘0’’ A hardware reset sets this bit to a ‘‘1’’
It must be reset to ‘‘0’’ before the SONIC becomes operational
6
Must be 0
5
ST START TIMER
Setting this bit enables the general-purpose watchdog timer to begin counting or to resume counting after it has
been halted This bit is reset when the timer is halted (ie STP is set) Setting this bit resets STP
4
STP STOP TIMER
Setting this bit halts the general-purpose watchdog timer and resets the ST bit The timer resumes when the ST bit is
set This bit powers up as a ‘‘1’’ Note Simultaneously setting bits ST and STP stops the timer
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com