Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 49Page - National Semiconductor (TI) DP83932C Datasheet HTML 50Page - National Semiconductor (TI) DP83932C Datasheet HTML 51Page - National Semiconductor (TI) DP83932C Datasheet HTML 52Page - National Semiconductor (TI) DP83932C Datasheet HTML 53Page - National Semiconductor (TI) DP83932C Datasheet HTML 54Page - National Semiconductor (TI) DP83932C Datasheet HTML 55Page - National Semiconductor (TI) DP83932C Datasheet HTML 56Page - National Semiconductor (TI) DP83932C Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
50 Bus Interface (Continued)
541 Acquiring The Bus
The SONIC requests the bus when 1) its FIFO threshold has
been reached or 2) when the descriptor areas in memory
(ie
RRA RDA CDA and TDA) are accessed Note that
when the SONIC moves from one area in memory to anoth-
er (eg RBA to RDA) it always deasserts its bus request
and then requests the bus again when accessing the next
area in memory
The SONIC provides two methods to acquire the bus for
compatibility with NationalIntel or Motorola type microproc-
essors These two methods are selected by setting the
proper level on the BMODE pin
Figures 5-5 and 5-6 show the NationalIntel (BMODE e 0)
and Motorola (BMODE e 1) bus request timing Descrip-
tions of each mode follows For both modes when the
SONIC relinquishes the bus there is an extra holding state
(Th) for one bus cycle after the last DMA cycle (T2) This
assures that the SONIC does not contend with another bus
master after it has released the bus
BMODE e 0
The NationalIntel processors require a 2-way handshake
using a HOLD REQUESTHOLD ACKNOWLEDGE protocol
(
Figure 5-5 ) When the SONIC needs to access the bus it
issues a HOLD REQUEST (HOLD) to the microprocessor
The microprocessor responds with a HOLD ACKNOWL-
EDGE (HLDA) to the SONIC The SONIC then begins its
memory transfers on the bus As long as the CPU maintains
HLDA active the SONIC continues until it has finished its
memory block transfer The CPU however can preempt the
SONIC from finishing the block transfer by deasserting
HLDA before the SONIC deasserts HOLD This allows a
higher priority device to preempt the SONIC from continuing
to use the bus The SONIC will request the bus again later
to complete any operation that it was doing at the time of
preemption The HLDA signal is sampled synchronously by
the SONIC at the rising edge of the BSCK setup time must
be met to ensure proper operation
As shown in
Figure 5-5 the SONIC will assert HOLD to
either the falling or rising edge of the bus clock (BSCK) The
default is for HOLD to be asserted on the falling edge Set-
ting the PH bit in the DCR2 (see Section 437) causes
HOLD to be asserted
bus clock later on the rising edge
(shown by the dotted line) Before HOLD is asserted the
SONIC checks the HLDA line If HLDA is asserted HOLD
will not be asserted until after HLDA has been deasserted
first
Note
If HLDA is driven low to preempt the SONIC from the bus while the
SONIC is accessing the CAM (LCAM command) the SONIC will get
off the bus but will not deassert HOLD even though the status bit will
indicate idle state If HLDA is driven low while the SONIC is accessing
descriptor areas (RRA RDA TDA) the SONIC will be preempted
normally (ie
get off the bus and deassert HOLD) and the HOLD
signal will be reasserted again after one bus clock If HLDA is driven
low while the SONIC is accessing data areas (RBA TBA) the SONIC
will be preempted normally but may not reassert HOLD unless re-
quired to do so depending on the threshold condition of the FIFO
BMODE e 1
The Motorola protocol requires a 3-way handshake using a
BUS REQUEST
BUS GRANT
and BUS GRANT AC-
KNOWLEDGE handshake (
Figure 5-6 ) When using this
protocol the SONIC requests the bus by lowering BUS RE-
QUEST (BR) The CPU responds by issuing BUS GRANT
(BG) Upon receiving BG the SONIC assures that all devic-
es have relinquished control of the bus before using the
bus The following signals must be deasserted before the
SONIC acquires the bus
BGACK
AS
DSACK01
STERM (Asynchronous Mode Only)
Deasserting BGACK indicates that the previous master has
released the bus Deasserting AS indicates that the previ-
ous master has completed its cycle and deasserting
DSACK01 and STERM indicates that the previous slave
has terminated its connection to the previous master The
SONIC maintains its mastership of the bus until it deasserts
BGACK It cannot be preempted from the bus
TLF10492 – 27
FIGURE 5-5 Bus Request Timing BMODEe0
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com