| Electronic Components Datasheet Search |
|
DP83932C Datasheet(PDF) 11 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83932C Datasheet(HTML) 11 Page - National Semiconductor (TI) |
|
11 / 98 page ![]() 10 Functional Description (Continued) TABLE 1-1 Network Management Statistics Statistic Register Used Bits Used Frames Transmitted OK TCR (Note) PTX Single Collision Frames (Note) NC0 – NC4 Multiple Collision Frames (Note) NC0 – NC4 Collision Frames (Note) NC0 – NC4 Frames with Deferred Transmissions TCR (Note) DEF Late Collisions TCR (Note) OWC Excessive Collisions TCR (Note) EXC Excessive Deferral TCR (Note) EXD Internal MAC Transmit Error TCR (Note) BCM FU Frames Received OK RCR (Note) PRX Multicast Frames Received OK RCR (Note) MC Broadcast Frames Received OK RCR (Note) BC Frame Check Sequence Errors CRCT All RCR CRC Alignment Errors FAET All RCR FAE Frame Lost Due to Internal MAC Receive Error MPT All ISR RFO Note The number of collisions and the contents of the Transmit Control register are posted in the TXpktstatus field (see Section 3512) The contents of the Receive Control register are posted in the RXpktstatus field (see Section 343) 20 TransmitReceive IEEE 8023 Frame Format A standard IEEE 8023 packet (Figure 2-1 ) consists of the following fields preamble Start of Frame Delimiter (SFD) destination address source address length data and Frame Check Sequence (FCS) The typical format is shown in Figure 2-1 The packets are Manchester encoded and decoded by the ENDEC unit and transferred serially tofrom the MAC unit using NRZ data with a clock All fields are of fixed length except for the data field The SONIC generates and appends the preamble SFD and FCS field during trans- mission The Preamble and SFD fields are stripped during reception (The CRC is passed through to buffer memory during reception) 21 PREAMBLE AND START OF FRAME DELIMITER (SFD) The Manchester encoded alternating 10 preamble field is used by the ENDEC to acquire bit synchronization with an incoming packet When transmitted each packet contains 62 bits of an alternating 10 preamble Some of this pream- ble may be lost as the packet travels through the network Byte alignment is performed when the Start of Frame Delim- iter (SFD) pattern consisting of two consecutive 1’s is de- tected 22 DESTINATION ADDRESS The destination address indicates the destination of the packet on the network and is used to filter unwanted pack- Note B e bytes b e bits TLF10492 – 9 FIGURE 2-1 IEEE 8023 Packet Structure 11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |