Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 55Page - National Semiconductor (TI) DP83932C Datasheet HTML 56Page - National Semiconductor (TI) DP83932C Datasheet HTML 57Page - National Semiconductor (TI) DP83932C Datasheet HTML 58Page - National Semiconductor (TI) DP83932C Datasheet HTML 59Page - National Semiconductor (TI) DP83932C Datasheet HTML 60Page - National Semiconductor (TI) DP83932C Datasheet HTML 61Page - National Semiconductor (TI) DP83932C Datasheet HTML 62Page - National Semiconductor (TI) DP83932C Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 98 page
background image
50 Bus Interface (Continued)
bus clocks after DSACK01 were sampled or 1 cycle after
STERM was sampled T2 states will be repeated until
DSACK01 or STERM are sampled properly in a low state
(see note below)
During read cycles (
Figures 5-10 and 5-11 ) data (D31-D0)
is latched at the falling edge of T2 and DS is asserted at the
falling edge of T1 For write cycles (
Figures 5-12 and 5-13 )
data is driven on the rising edge of T1 If there are wait
states inserted DS is asserted on the falling edge of the first
T2 (wait) DS is not asserted for zero wait state write cycles
The SONIC terminates the memory cycle by deasserting AS
and DS at the falling edge of T2
Note
If the setup time for DSACK01 is met during T1 or the setup time for
STERM is met during the first T2 the full asynchronous bus cycle will
take only 2 bus clocks This may be an unwanted situation If so
DSACK01 and STERM should normally be deasserted during T1 and
the start of T2 respectively
TLF10492 – 34
FIGURE 5-12 Memory Write BMODEe1 Asynchronous (1 Wait-State)
TLF10492 – 35
FIGURE 5-13 Memory Write BMODEe1 Asynchronous (2 Wait-State)
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com