Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 5Page - National Semiconductor (TI) DP83932C Datasheet HTML 6Page - National Semiconductor (TI) DP83932C Datasheet HTML 7Page - National Semiconductor (TI) DP83932C Datasheet HTML 8Page - National Semiconductor (TI) DP83932C Datasheet HTML 9Page - National Semiconductor (TI) DP83932C Datasheet HTML 10Page - National Semiconductor (TI) DP83932C Datasheet HTML 11Page - National Semiconductor (TI) DP83932C Datasheet HTML 12Page - National Semiconductor (TI) DP83932C Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
10 Functional Description (Continued)
TLF10492 – 7
FIGURE 1-6 Transmit FIFO
15 STATUS AND CONFIGURATION REGISTERS
The SONIC contains a set of statuscontrol registers for
conveying status and control information tofrom the host
system The SONIC uses these registers for loading com-
mands generated from the system indicating transmit and
receive status buffering data tofrom memory and provid-
ing interrupt control Each register is 16 bits in length See
Section 40 for a description of the registers
16 BUS INTERFACE
The system interface
(Figure 1-7 ) consists of the pins nec-
essary for interfacing to a variety of buses It includes the
IO drivers for the data and address lines bus access con-
trol for standard microprocessors ready logic for synchro-
nous or asynchronous systems slave access control inter-
rupt control and shared-memory access control The func-
tional signal groups are shown in
Figure 1-7 See Section
50 for a complete description of the SONIC bus interface
17 LOOPBACK AND DIAGNOSTICS
The SONIC furnishes three loopback modes for self-testing
from the controller interface to the transceiver interface
The loopback function is provided to allow self-testing of the
chip’s internal transmit and receive operations During loop-
back transmitted packets are routed back to the receive
section of the SONIC where they are filtered by the address
recognition logic and buffered to memory if accepted
Transmit and receive status and interrupts remain active
during loopback This means that when using loopback it is
as if the packet was transmitted and received by two sepa-
rate chips that are connected to the same bus and memory
MAC Loopback
Transmitted data is looped back at the
MAC Data is not sent from the MAC to either the internal
ENDEC or an external ENDEC (the external ENDEC inter-
face pins will not be driven) hence data is not transmitted
from the chip Even though the ENDEC is not used in MAC
loopback the ENDEC clock (an oscillator or crystal for the
internal ENDEC or TXC for an external ENDEC) must be
driven Network activity such as a collision does not affect
MAC loopback CSMACD MAC protocol is not completely
followed in MAC loopback
ENDEC Loopback
Transmitted data is looped back at the
ENDEC If the internal ENDEC is used data is switched
from the transmit section of the ENDEC to the receive sec-
tion (
Figure 1-2 ) Data is not transmitted from the chip and
the collision lines CDg are ignored hence network activi-
ty does not affect ENDEC loopback The LBK signal from
the MAC tells the internal ENDEC to go into loopback mode
If an external ENDEC is used it should operate in loopback
mode when the LBK signal is asserted CSMACD MAC
protocol is followed even though data is not transmitted
from the chip
Transceiver Loopback
Transmitted data is looped back at
the external transceiver (which is always the case regard-
less of the SONIC’s loopback mode) CSMACD MAC pro-
tocol is followed since data will be transmitted from the chip
This means that transceiver loopback is affected by network
activity In normal operations the SONIC only monitors the
packet that is looped back by the transceiver but does not
fill the receive FIFO and buffer the packet
171 Loopback Procedure
The following procedure describes the loopback operation
1 Initialize the Transmit and Receive Area as described in
Sections 34 and 35
2 Load one of the CAM address registers (see Section 41)
with the Destination Address of the packet if you are veri-
fying the SONIC’s address recognition capability
3 Load one of the CAM address registers with the Source
Address of the packet if it is different than the Destination
Address to avoid getting a Packet Monitored Bad (PMB)
error in the Transmit status (see Section 434)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com