Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 14Page - National Semiconductor (TI) DP83932C Datasheet HTML 15Page - National Semiconductor (TI) DP83932C Datasheet HTML 16Page - National Semiconductor (TI) DP83932C Datasheet HTML 17Page - National Semiconductor (TI) DP83932C Datasheet HTML 18Page - National Semiconductor (TI) DP83932C Datasheet HTML 19Page - National Semiconductor (TI) DP83932C Datasheet HTML 20Page - National Semiconductor (TI) DP83932C Datasheet HTML 21Page - National Semiconductor (TI) DP83932C Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
30 Buffer Management (Continued)
All RRA registers are concatenated with the URRA register
for generating the full 32-bit address
The resource descriptors that the system writes to the RRA
consists
of
four
fields
(1)
RXrsrcbuff
ptr0
(2)
RXrsrcbuff
ptr1
(3)
RXrsrcbuff
wc0
and
(4)
RXrsrcbuff
wc1 The fields must be contiguous (they can-
not straddle the end points) and are written in the order
shown in
Figure 3-8 The ‘‘0’’ and ‘‘1’’ in the descriptors
denote the least and most significant portions for the Buffer
Pointer and Word Count The first two fields supply the 32-
bit starting location of the Receive Buffer Area (RBA) and
the second two define the number of 16-bit words that the
RBA occupies
Note that two restrictions apply to the Buffer Pointer and
Word Count First in 32-bit mode since the SONIC always
writes long words
an even count must be written to
RXrsrcbuff
wc0 Second the Buffer Pointer must either
be pointing to a word boundary in 16-bit mode (A0e0) or a
long word boundary in 32-bit mode (A0A1e00) Note also
that the descriptors must be properly aligned in the RRA as
discussed in Section 33
TLF10492 – 15
FIGURE 3-8 RRA Initialization
After configuring the RRA the RRA Read command (setting
RRRA bit in the Command register) may be given This
command causes the SONIC to read the RRA descriptor in
a single block operation and load the following registers
(see Section 42 for register mnemonics)
CRBA0 register
wRXrsrcbuff ptr0
CRBA1 register
wRXrsrcbuff ptr1
RBWC0 register
wRXrsrcbuff wc0
RBWC1 register
wRXrsrcbuff wc1
When the command has completed the RRRA bit in the
Command register is reset to ‘‘0’’ Generally this command
is only issued during initialization At all other times the RRA
is automatically read as the SONIC finishes using an RBA
3443 Initializing The RDA
To accept multiple packets from the network the receive
packet descriptors must be linked together via the
RXpktlink fields Each link field must be written with a 15-bit
(A15 – A1) pointer to locate the beginning of the next de-
scriptor in the list The LSB of the RXpktlink field is the End
of List (EOL) bit and is used to indicate the end of the de-
scriptor list EOL e 1 for the last descriptor and EOL e0 for
the first or middle descriptors The RXpktin
use field indi-
cates whether the descriptor is owned by the SONIC The
system writes a non-zero value to this field when the de-
scriptor is available and the SONIC writes all ‘‘0’s’’ when it
finishes using the descriptor At startup the Current Receive
Descriptor Address (CRDA) register must be loaded with the
address of the first RXpktstatus field in order for
the SONIC to begin receive processing at the first descrip-
tor An example of two descriptors linked together is shown
in
Figure 3-9 The fields initialized by the system are dis-
played in bold type The other fields are written by the
SONIC after a packet is accepted The RXpktin
use field
is first written by the system and then by the SONIC Note
that the descriptors must be aligned properly as discussed
in Section 33 Also note that the URDA register is concate-
nated with the CRDA register to generate the full 32-bit ad-
dress
TLF10492 – 16
FIGURE 3-9 RDA Initialization Example
3444 Initializing the Lower Boundary of the RBA
A ‘‘false bottom’’ is set in the RBA by loading the End Of
Buffer Count (EOBC) register with a value equal to the maxi-
mum size packet in words (16 bits) that may be received
This creates a lower boundary in the RBA Whenever the
Remaining Buffer Word Count (RBWC01) registers decre-
ment below the EOBC register the SONIC buffers the next
packet into another RBA This also guarantees that a pack-
et is always contiguously buffered into a single Receive
Buffer Area (RBA) The SONIC does not buffer a packet into
multiple RBAs Note that in 32-bit mode the SONIC holds
the LSB always low so that it properly compares with the
RBWC01 registers
After a hardware reset the EOBC reset the EOBC register
is automatically initialized to 2F8h (760 words or 1520
bytes) For 32-bit applications this is the suggested value for
EOBC EOBC defaults to 760 words (1520 bytes) instead of
759 words (1518 bytes) because 1518 is not a double word
(32-bit) boundary (see Section 3421) If the SONIC is used
in 16-bit mode then EOBC should be set to 759 words
(1518 bytes) because 1518 is a word (16-bit) boundary
Sometimes it may be desired to buffer a single packet per
RBA When doing this it is important to set EOBC and the
buffer size correctly The suggested practice is to set EOBC
to a value that is at least 4 bytes in 32-bit mode or 2 bytes
in 16-bit mode less than the buffer size An example of this
for 32-bit mode is to set EOBC to 760 words (1520 bytes)
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com