Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 63Page - National Semiconductor (TI) DP83932C Datasheet HTML 64Page - National Semiconductor (TI) DP83932C Datasheet HTML 65Page - National Semiconductor (TI) DP83932C Datasheet HTML 66Page - National Semiconductor (TI) DP83932C Datasheet HTML 67Page - National Semiconductor (TI) DP83932C Datasheet HTML 68Page - National Semiconductor (TI) DP83932C Datasheet HTML 69Page - National Semiconductor (TI) DP83932C Datasheet HTML 70Page - National Semiconductor (TI) DP83932C Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
50 Bus Interface (Continued)
548 On-Chip Memory Arbiter
For applications which share the buffer memory area with
the host system (shared-memory applications) the SONIC
provides a fast on-chip memory arbiter for efficiently resolv-
ing accesses between the SONIC and the host system (
Fig-
ure 5-25 ) The host system indicates its intentions to use
the shared-memory by asserting Memory Request (MREQ)
The SONIC will allow the host system to use the shared
memory by acknowledging the host system’s request with
Slave and Memory Acknowledge (SMACK) Once SMACK
is asserted the host system may use the shared memory
freely The host system gives up the shared memory by
deasserting MREQ
MREQ is clocked in on the falling edge of bus clock and is
double synchronized internally to the rising edge SMACK is
asserted on the falling edge of a Ts bus cycle If the SONIC
is not currently accessing the memory SMACK is asserted
immediately after MREQ was clocked in If however the
SONIC is accessing the shared memory it finishes its cur-
rent memory transfer and then issues SMACK SMACK will
be asserted one bus clock minimum to five bus clocks maxi-
mum after MREQ is clocked in Since MREQ is double syn-
chronized it is not necessary to meet its setup time Meet-
ing the setup time for MREQ will however guarantee that
SMACK is asserted one to five bus clocks after the current
bus clock SMACK will deassert within one bus clock after
MREQ is deasserted The SONIC will then finish its master
operation if it was using the bus previously
If the host system needs to access the SONIC’s registers
instead of shared memory CS would be asserted instead of
MREQ Accessing the SONIC’s registers works almost ex-
actly the same as accessing the shared memory except that
the SONIC goes into a slave cycle instead of going idle See
Section 547 for more information about how register ac-
cesses work
Note 1
The successive assertion of CS and MREQ must be separated by
at least two bus clocks Both CS and MREQ must not be asserted
concurrently
Note 2
The number of bus clocks between MREQ being asserted and the
assertion of SMACK when the SONIC is in Master Mode is 5 bus
clocks assuming there were no wait states in the Master Mode
access Wait states will increase the time for SMACK to go low by
the number of wait states in the cycle (the time will be 5 a the
number of wait states)
Note 3
The way in which SMACK is asserted due to CS is not the same as
the way in which SMACK is asserted due to MREQ SMACK goes
low as a direct result of the assertion of MREQ whereas for CS
SAS must also be driven low (BMODE e 1) or high (BMODE e 0)
before SMACK will be asserted This means that when SMACK is
asserted due to MREQ SMACK will remain asserted until MREQ is
deasserted Multiple memory accesses can be made to the shared
memory without SMACK ever going high When SMACK is asserted
due to CS however SMACK will only remain low as long as SAS is
also low (BMODE e 1) SMACK will not remain low throughout
multiple register accesses to the SONIC because SAS must toggle
for each register access This is an important difference to consider
when designing shared memory designs
Note 4
In Motorola mode if a bus master uses the MREQ to request the
bus from the SONIC care should be taken to isolate the DSACK01
from the bus (eg use TRI-STATE buffers) because the DSACK01
will be driven by the SONIC even after the SONIC has given up the
bus
549 Chip Reset
The SONIC has two reset modes a hardware reset and a
software reset The SONIC can be hardware reset by as-
serting the RESET pin or software reset by setting the RST
bit in the Command Register (Section 431) The two reset
modes are not interchangeable since each mode performs
a different function
TABLE 5-4 Internal Register Content after RESET
Register
Contents after Reset
Hardware
Software
Reset
Reset
Command
0094h
0094h00A4h
Data Configuration
unchanged
(DCR and DCR2)
Interrupt Mask
0000h
unchanged
Interrupt Status
0000h
unchanged
Transmit Control
0101h
unchanged
Receive Control
unchanged
End Of Buffer Count
02F8h
unchanged
Sequence Counters
0000h
unchanged
CAM Enable
0000h
unchanged
Bits 15 and 13 of the DCR and bits 4 through 0 of the DCR2 are reset to a 0
during a hardware reset Bits 15-12 of the DCR2 are unknown until written
to All other bits in these two registers are unchanged
Bits LB1 LB0 and BRD are reset to a 0 during hardware reset All other
bits are unchanged
After power-on the SONIC must be hardware reset before it
will become operational This is done by asserting RESET
for a minimum of 10 transmit clocks (10 ethernet transmit
clock periods TXC) If the bus clock (BSCK) period is great-
er than the transmit clock period RESET should be assert-
ed for 10 bus clocks instead of 10 transmit clocks A hard-
ware reset places the SONIC in the following state (The
registers affected are listed in parenthesis See Table 5-4
and Section 43 for more specific information about the reg-
isters and how they are affected by a hardware reset Only
those registers listed below and in Table 5-4 are affected by
a hardware reset)
1
Receiver and Transmitter are disabled (CR)
2
The General Purpose timer is halted (CR)
3
All interrupts are masked out (IMR)
4
The NCRS and PTX status bits in the Transmit Control
Register (TCR) are set
5
The End Of Byte Count (EOBC) register is set to 02F8h
(760 words)
6
Packet and buffer sequence number counters are set to
zero
7
All CAM entries are disabled The broadcast address is
also disabled (CAM Enable Register and the RCR)
8
Loopback operation is disabled (RCR)
9
The latched bus retry is set to the unlatched mode
(DCR)
10 All interrupt status bits are reset (ISR)
11 The Extended Bus Mode is disabled (DCR)
12 HOLD will be asserteddeasserted from the falling clock
edge (DCR2)
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com