Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 71Page - National Semiconductor (TI) DP83932C Datasheet HTML 72Page - National Semiconductor (TI) DP83932C Datasheet HTML 73Page - National Semiconductor (TI) DP83932C Datasheet HTML 74Page - National Semiconductor (TI) DP83932C Datasheet HTML 75Page - National Semiconductor (TI) DP83932C Datasheet HTML 76Page - National Semiconductor (TI) DP83932C Datasheet HTML 77Page - National Semiconductor (TI) DP83932C Datasheet HTML 78Page - National Semiconductor (TI) DP83932C Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
70 AC and DC Specifications (Continued)
MEMORY READ BMODE e 0 SYNCHRONOUS MODE (one wait-state shown)
TLF10492 – 60
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T9
BSCK to Address ValidHold Time
3
26
3
24
3
22
ns
T11
BSCK to ADS Low
26
24
22
ns
T11b
BSCK to ECS Low
19
17
15
ns
T12
BSCK to ADS High
24
22
20
ns
T12b
BSCK to ECS High
29
27
25
ns
T15
ADS High Width
45
35
25
ns
T23
Read Data Setup Time to BSCK
5
4
3
ns
T24
Read Data Hold Time to BSCK
5
5
5
ns
T28
BSCK to MWR (Read) Valid (Note 1)
26
24
22
ns
T32
RDYi Setup Time to BSCK
19
17
15
ns
T33
RDYi Hold Time to BSCK
5
3
3
ns
Note 1
For successive read operations MWR remains low
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com