Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 46Page - National Semiconductor (TI) DP83932C Datasheet HTML 47Page - National Semiconductor (TI) DP83932C Datasheet HTML 48Page - National Semiconductor (TI) DP83932C Datasheet HTML 49Page - National Semiconductor (TI) DP83932C Datasheet HTML 50Page - National Semiconductor (TI) DP83932C Datasheet HTML 51Page - National Semiconductor (TI) DP83932C Datasheet HTML 52Page - National Semiconductor (TI) DP83932C Datasheet HTML 53Page - National Semiconductor (TI) DP83932C Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
50 Bus Interface (Continued)
TABLE 5-1 Pin Description
(Continued)
Symbol
Driver
Direction
Description
Type
SHARED-MEMORY ACCESS PINS
MREQ
I
Memory Request
The system asserts this signal low when it attempts to access the
shared-buffer RAM The on-chip arbiter resolves accesses between the system and the
SONIC
Note
Both CS and MREQ must not be asserted concurrently If these signals are
successively asserted there must be at least two bus clocks between the deasserting
edge of the first signal and the asserting edge of the second signal
In Motorola mode if a bus master uses the MREQ to request the bus from the SONIC
care should be taken to isolate the DSACK01 from the bus (eg use tri-state buffers)
because the DSACK01 will be driven by the SONIC even after the SONIC has given up
the bus
SMACK
TP
O
Slave and Memory Acknowledge
SONIC asserts this dual function pin low in
response to either a Chip Select (CS) or a Memory Request (MREQ) when the SONIC’s
registers or its buffer memory is available for accessing This pin can be used for
enabling bus drivers for dual-bus systems
USER DEFINABLE PINS
USR01
TRI
I O Z
User Define 01
These signals are inputs when SONIC is hardware reset and are
outputs when SONIC is a bus master (HLDA or BGACK asserted) When hard reset
(RST) is low these signals input directly into bits 8 and 9 of the Data Configuration
register (DCR) respectively The levels on these pins are latched on the rising edge of
RST During busmaster operations (HLDA or BGACK is active) these pins are outputs
whose levels are programmable through bits 11 and 12 of the DCR respectively The
USR01 pins should be pulled up to VCC or pulled down to ground A 47 kX pull-up
resistor is recommended
POWER AND GROUND PINS
VCC1 – 5
Power
The a5V power supply for the digital portions of the SONIC
VCCL
TXVCC
Power
These pins are the a5V power supply for the SONIC ENDEC unit These pins
must be tied to VCC even if the internal ENDEC is not used
RXVCC
PLLVCC
GND1 – 6
Ground
The ground reference for the digital portions of the SONIC
GNDL
TXGND
Ground
These pins are the ground references for the SONIC ENDEC unit These pins
must be tied to ground even if the internal ENDEC is not used
ANGND
53 SYSTEM CONFIGURATION
Any device that meets the SONIC interface protocol and
electrical requirements (timing threshold and loading) can
be interfaced to SONIC Since two bus protocols are provid-
ed via the BMODE pin the SONIC can interface directly to
most microprocessors
Figure 5-3 shows a typical interface
to the NationalIntel style bus (BMODEe0) and
Figure 5-4
shows a typical interface to the Motorola style bus
(BMODEe1)
The BMODE pin also controls byte ordering
When
BMODEe1 big endian byte ordering is selected and when
BMODEe0 little endian byte ordering is selected
54 BUS OPERATIONS
There are two types of system bus operations 1) SONIC as
a slave and 2) SONIC as a bus master When SONIC is a
slave (eg a CPU accessing SONIC registers) all transfers
are non-DMA When SONIC is a bus master (eg SONIC
accessing receive or transmit bufferdescriptor areas) all
transfers are block transfers using SONIC’s on-chip DMA
This section describes the SONIC bus operations Pay spe-
cial attention to all sections labeled as ‘‘Note’’ These con-
ditions must be met for proper bus operation
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com