Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 41Page - National Semiconductor (TI) DP83932C Datasheet HTML 42Page - National Semiconductor (TI) DP83932C Datasheet HTML 43Page - National Semiconductor (TI) DP83932C Datasheet HTML 44Page - National Semiconductor (TI) DP83932C Datasheet HTML 45Page - National Semiconductor (TI) DP83932C Datasheet HTML 46Page - National Semiconductor (TI) DP83932C Datasheet HTML 47Page - National Semiconductor (TI) DP83932C Datasheet HTML 48Page - National Semiconductor (TI) DP83932C Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
50 Bus Interface (Continued)
52 PIN DESCRIPTION
I
e
input
O
e
output
Z
e
TRI-STATE inputs are TTL compatible
ECL e ECL-like drivers for interfacing to the Attachment
Unit Interface
TP
e
Totem pole like drivers These drivers are driven ei-
ther high or low and are always driven Drive levels
are CMOS compatible
TRI e TRI-STATE drivers These pins are driven high low
or TRI-STATE Drive levels are CMOS compatible
These pins may also be inputs (depending on the
pin)
OC e Open Collector type drivers
These drivers are
TRI-STATE when inactive and are driven low when
active These pins may also be inputs (depending
on the pin) Pin names which contain a ‘‘’’ indicate
dual function pins
TABLE 5-1 Pin Description
Symbol
Driver
Direction
Description
Type
NETWORK INTERFACE PINS
EXT
I
External ENDEC Select
Tying this pin to VCC (EXT e 1) disables the internal ENDEC
and allows an external ENDEC to be used Tying this pin to ground (EXTe0) enables
the internal ENDEC This pin must be tied either to VCC or ground Note the alternate
pin definitions for CRSoCRSi COLoCOLi RXDoRXDi RXCoRXCi and TXCoTXCi
When EXTe0 the first pin definition is used and when EXTe1 the second pin definition
is used
CDa
I
Collision a
The positive differential collision input from the transceiver This pin should
be unconnected when an external ENDEC is selected (EXT e 1)
CDb
I
Collision b
The negative differential collision input from the transceiver This pin
should be unconnected when an external ENDEC is selected (EXT e 1)
RXa
I
Receive a
The positive differential receive data input from the transceiver This pin
should be unconnected when an external ENDEC is selected (EXT e 1)
RXb
I
Receive b
The negative differential receive data input from the transceiver This pin
should be unconnected when an external ENDEC is selected (EXT e 1)
TXa
ECL
O
Transmit a
The positive differential transmit output to the transceiver This pin should
be unconnected when an external ENDEC is selected (EXT e 1)
TXb
ECL
O
Transmit b
The negative differential transmit output to the transceiver This pin should
be unconnected when an external ENDEC is selected (EXT e 1)
CRSo
TP
O
Carrier Sense Output (CRSo)
from the internal ENDEC (EXT e 0) When EXT e 0 the
CRSo signal is internally connected between the ENDEC and MAC units It is asserted
CRSi
I
on the first valid high-to-low transition in the receive data (RXa b) This signal remains
active 15 bit times after the last bit of data Although this signal is used internally by the
SONIC it is also provided as an output to the user
Carrier Sense Input (CRSi)
from an external ENDEC (EXT e 1) The CRSi signal is
activated high when the external ENDEC detects valid data at its receive inputs
COLo
TP
O
Collision Output (COLo)
from the internal ENDEC (EXT e 0) When EXT e 0 the
COLo signal is internally connected between the ENDEC and MAC units This signal
COLi
I
generates an active high signal when the 10 MHz collision signal from the transceiver is
detected Although this signal is used internally by the SONIC it is also provided as an
output to the user
Collision Detect Input (COLi)
from an external ENDEC (EXT e 1) The COLi signal is
activated from an external ENDEC when a collision is detected This pin is monitored
during transmissions from the beginning of the Start Of Frame Delimiter (SFD) to the
end of the packet At the end of transmission this signal is monitored by the SONIC for
CD heartbeat
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com