Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 28Page - National Semiconductor (TI) DP83932C Datasheet HTML 29Page - National Semiconductor (TI) DP83932C Datasheet HTML 30Page - National Semiconductor (TI) DP83932C Datasheet HTML 31Page - National Semiconductor (TI) DP83932C Datasheet HTML 32Page - National Semiconductor (TI) DP83932C Datasheet HTML 33Page - National Semiconductor (TI) DP83932C Datasheet HTML 34Page - National Semiconductor (TI) DP83932C Datasheet HTML 35Page - National Semiconductor (TI) DP83932C Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
40 SONIC Registers (Continued)
433 Receive Control Register
(Continued)
Bits
Description
10 9
LB1LB0 LOOPBACK CONTROL
These encoded bits control loopback operations for MAC loopback ENDEC loopback and Transceiver loopback For
proper loopback operation the CAM Address registers and Receive Control register must be initialized to accept the
Destination address of the loopback packet (see Section 17)
Note
A hardware reset clears these bits
LB1
LB0
Function
0
0
no loopback normal operation
0
1
MAC loopback
1
0
ENDEC loopback
1
1
Transceiver loopback
8
MC MULTICAST PACKET RECEIVED
This bit is set when a packet is received with a Multicast Address
7
BC BROADCAST PACKET RECEIVED
This bit is set when a packet is received with a Broadcast Address
6
LPKT LAST PACKET IN RBA
This bit is set when the last packet is buffered into a Receive Buffer Area (RBA) The SONIC detects this condition
when its Remaining Buffer Word Count (RBWC01) register is less than or equal to the End Of Buffer Count (EOBC)
register (See Section 342)
5
CRS CARRIER SENSE ACTIVITY
Set when CRS is active Indicates the presence of network activity
4
COL COLLISION ACTIVITY
Indicates that the packet received had a collision occur during reception
3
CRCR CRC ERROR
Indicates the packet contains a CRC error If the packet also contains a Frame Alignment error FAER will be set
instead (see bit 2 below) The rev C SONIC has the potential to report CRC error’d frames as FAE This bit is also not
set during CRC error’d RUNT packets
2
FAER FRAME ALIGNMENT ERROR
Indicates that the incoming packet was not correctly framed on an 8-bit boundary Note if no CRC errors have
occurred this bit is not set (ie this bit is only set when both a frame alignment and CRC error occurs)
1
LBK LOOPBACK PACKET RECEIVED
Indicates that the SONIC has successfully received a loopback packet
0
PRX PACKET RECEIVED OK
Indicates that a packet has been received without CRC frame alignment length (runt packet) errors or collisions
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com