Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 90Page - National Semiconductor (TI) DP83932C Datasheet HTML 91Page - National Semiconductor (TI) DP83932C Datasheet HTML 92Page - National Semiconductor (TI) DP83932C Datasheet HTML 93Page - National Semiconductor (TI) DP83932C Datasheet HTML 94Page - National Semiconductor (TI) DP83932C Datasheet HTML 95Page - National Semiconductor (TI) DP83932C Datasheet HTML 96Page - National Semiconductor (TI) DP83932C Datasheet HTML 97Page - National Semiconductor (TI) DP83932C Datasheet HTML 98Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
70 AC and DC Specifications (Continued)
ENDEC RECEIVE TIMING (INTERNAL ENDEC MODE)
TLF10492 – 76
ENDEC COLLISION TIMING
TLF10492 – 77
Number
Parameter
Min
Max
Units
T102
Receive Clock Duty Cycle Time (Note 1)
40
60
ns
T105
Carrier Sense On Time
70
ns
T106
Data Acquisition Time
700
ns
T107
Receive Data Output Delay
150
ns
T108
Receive Data Valid from RXC
15
ns
T109
Receive Data Stable Valid Time
85
ns
T112
Carrier Sense Off Delay (Note 2)
250
ns
T113
Minimum Number of RXCs after CRS Low (Note 3)
5
rcyc
T114
Collision Turn On Time
55
ns
T115
Collision Turn Off Time
250
ns
Note 1
This parameter is measured at the 50% point of each clock edge
Note 2
When CRSi goes low it remains low for a minimum of 2 receive clocks (RXCs)
Note 3
rcyc e receive clocks
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com