Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 81Page - National Semiconductor (TI) DP83932C Datasheet HTML 82Page - National Semiconductor (TI) DP83932C Datasheet HTML 83Page - National Semiconductor (TI) DP83932C Datasheet HTML 84Page - National Semiconductor (TI) DP83932C Datasheet HTML 85Page - National Semiconductor (TI) DP83932C Datasheet HTML 86Page - National Semiconductor (TI) DP83932C Datasheet HTML 87Page - National Semiconductor (TI) DP83932C Datasheet HTML 88Page - National Semiconductor (TI) DP83932C Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
70 AC and DC Specifications (Continued)
BUS REQUEST TIMING BMODE e 1
TLF10492 – 68
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T45a
BG AS BGACK DSACK01 and STERM
765
ns
Asynchronous Setup Time to BSCK (Note 1)
T51a
BSCK to Address AS MRW DS ECS
34
32
30
ns
USRk10l and EXUSRk30l TRI-STATE
T52
BSCK to Data TRI-STATE
34
32
30
ns
T53
BSCK to Address AS MRW DS ECS
34
32
30
ns
USRk10l and EXUSRk30l Active (Note 1)
T54
BSCK Low to BR LowTRI-STATE
23
21
19
ns
T54a
BSCK High to BGACK LowHigh
24
22
20
ns
T54b
BSCK High to BGACK TRI-STATE
19
17
15
ns
T55
BSCK to Bus Status Valid
29
27
25
ns
T55b
Sk20l Hold from BSCK
3
3
3
ns
Note 1
BGACK is asserted one bus clock after all the signals (AS DSACK01 BGACK STERM (Extended bus mode) and BG) meet the T45a setup time (see
Section 541 for more information) The address bus AS DS ECS MRW USRk10l and EXUSRk30l will also be driven active on the same clock
Note 2
Sk20l will indicate IDLE at the end of T2 if the last operation is a read operation or at the end of Th if the last operation is a write operation
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com