Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 68Page - National Semiconductor (TI) DP83932C Datasheet HTML 69Page - National Semiconductor (TI) DP83932C Datasheet HTML 70Page - National Semiconductor (TI) DP83932C Datasheet HTML 71Page - National Semiconductor (TI) DP83932C Datasheet HTML 72Page - National Semiconductor (TI) DP83932C Datasheet HTML 73Page - National Semiconductor (TI) DP83932C Datasheet HTML 74Page - National Semiconductor (TI) DP83932C Datasheet HTML 75Page - National Semiconductor (TI) DP83932C Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
70 AC and DC Specifications
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to 70V
DC Input Voltage (VIN)
b
05V to VCC a 05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature Range (TSTG)
b
65 Cto150 C
Power Dissipation (PD)
500 mW
Lead Temp (TL) (Soldering 10 sec)
260 C
ESD Rating
(RZAP e 15k CZAP e 120 pF)
15 kV
DC Specifications TA e 0 Cto70 C VCC e 5V g5% unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Minimum High Level Output Voltage
IOH eb8 mA
30
V
VOL
Maximum Low Level Output Voltage
IOL e 8 mA
04
V
VIH
Minimum High Level Input Voltage
20
V
VIL
Maximum Low Level Input Voltage
08
V
IIN
Input Current
VIN e VCC or GND
b
10
10
m
A
IOZ
TRI-STATE Output
VOUT e VCC or GND
b
10
10
m
A
Leakage Current
ICC
Average Operating Supply Current
IOUT e 0 mA Freq e 20 MHz
90
mA
ICC
Average Operating Supply Current
IOUT e 0 mA Freq e 25 MHz
100
mA
ICC
Average Operating Supply Current
IOUT e 0 mA Freq e 33 MHz
115
mA
AUI INTERFACE PINS (TXg RXg and CDg)
VOD
Diff Output Voltage (TXg)78X Termination and 270X
g
550
g
1200
mV
from Each to GND
VOB
Diff Output Voltage Imbalance (TXg)78X Termination and 270X
Typical 40 mV
from Each to GND
VU
Undershoot Voltage (TXg)78X Termination and 270X
Typical 80 mV
from Each to GND
VDS
Diff Squelch Threshold
b
175
b
300
mV
(RXg and CDg)
OSCILLATOR PINS (OSCIN AND OSCOUT)
VIH
OSCIN Input High Voltage
OSCIN is Connected to an Oscillator
20
V
and OSCOUT is Open
VIL
OSCIN Input Low Voltage
OSCIN is Connected to an Oscillator
08
V
and OSCOUT is Open
IOSC2
X2 Input Leakage Current
OSCIN is Connected to an Oscillator
and OSCOUT is Open
b
10
10
m
A
VIN e VCC or GND
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com