Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 69Page - National Semiconductor (TI) DP83932C Datasheet HTML 70Page - National Semiconductor (TI) DP83932C Datasheet HTML 71Page - National Semiconductor (TI) DP83932C Datasheet HTML 72Page - National Semiconductor (TI) DP83932C Datasheet HTML 73Page - National Semiconductor (TI) DP83932C Datasheet HTML 74Page - National Semiconductor (TI) DP83932C Datasheet HTML 75Page - National Semiconductor (TI) DP83932C Datasheet HTML 76Page - National Semiconductor (TI) DP83932C Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
70 AC and DC Specifications (Continued)
AC Characteristics
BUS CLOCK TIMING
TLF10492 – 56
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T1
Bus Clock Low Time
20
16
135
ns
T2
Bus Clock High Time
20
16
135
ns
T3
Bus Clock Cycle Time
50
40
30
ns
POWER-ON RESET
TLF10492 – 57
NON POWER-ON RESET
TLF10492 – 58
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T4
USRk10l Setup to RST
765
ns
T5
USRk10l Hold from RST
987
ns
T6
Power-On Reset Low (Notes 1 2)
10
10
10
TXC
T8
Reset Pulse Width (Notes 1 2)
10
10
10
TXC
Note 1
The reset time is determined by the slower of BSCK or TXC If BSCK l TXC T6 and T8 equal 10 TXCs If BSCK k TXC T6 and T8 equal 10 BSCKs (T3)
Note 2
These specifications are not tested
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com