Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 51Page - National Semiconductor (TI) DP83932C Datasheet HTML 52Page - National Semiconductor (TI) DP83932C Datasheet HTML 53Page - National Semiconductor (TI) DP83932C Datasheet HTML 54Page - National Semiconductor (TI) DP83932C Datasheet HTML 55Page - National Semiconductor (TI) DP83932C Datasheet HTML 56Page - National Semiconductor (TI) DP83932C Datasheet HTML 57Page - National Semiconductor (TI) DP83932C Datasheet HTML 58Page - National Semiconductor (TI) DP83932C Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
50 Bus Interface (Continued)
5431 Bus Status Transitions
When the SONIC acquires the bus it only transfers data
tofrom a single area in memory (ie TDA TBA RDA RBA
RRA or CDA) Thus the bus status pins remain stable for
the duration of the block transfer cycle with the following
three exceptions 1) If the SONIC is accessed during a block
transfer S2 – S0 indicates bus idle during the register ac-
cess then returns to the previous status 2) If the SONIC
finishes writing the Source Address during a block transfer
S2 – S0 changes from 010 to 011
3) During an RDA
access between the RXpktseq
no and RXpktlink access
and between the RXpktlink and RXpktin
use access
S2 – S0 will respectively indicate idle 111 for2or1bus
clocks Status will be valid on the falling edge of AS or rising
edge of ADS
Figure 5-7 illustrates the SONIC’s transitions through mem-
ory during the process of transmission and reception Dur-
ing transmission the SONIC reads the descriptor informa-
tion from the TDA and then transmits data of the packet
from the TBA The SONIC moves back and forth between
the TDA and TBA until all fragments and packets are trans-
mitted During reception the SONIC takes one of two paths
In the first case (path A) when the SONIC detects EOLe0
from the previous reception it buffers the accepted packet
into the RBA and then writes the descriptor information to
the RDA If the RBA becomes depleted (ie RBWC01 k
EOBC) it moves to the RRA to read a resource descriptor
In the second case (path B) when the SONIC detects
EOLe1 from the previous reception
it rereads the
RXpktlink field to determine if the system has reset the EOL
bit since the last reception If it has the SONIC buffers the
packet as in the first case Otherwise it rejects the packet
and returns to idle
544 Bus Mode Compatibility
For compatibility with different microprocessor and bus ar-
chitectures the SONIC operates in one of two modes (set
by the BMODE pin) called the NationalIntel or little endian
mode (BMODE tied low) and the Motorola or big endian
mode (BMODE tied high) The definitions for several pins
change depending on the mode the SONIC is in Table 5-3
shows these changes These modes affect both master and
slave bus operations with the SONIC
TABLE 5-3 Bus Mode Compatibility
Pin Name
BMODEe0
BMODEe1
(NationalIntel)
(Motorola)
BR HOLD
HOLD
BR
BG HLDA
HLDA
BG
MRW MWR
MWR
MRW
SRW SWR
SWR
SRW
DSACK0 RDYi
RDYi
DSACK0
DSACK1 RDYo
RDYo
DSACK1
AS ADS
ADS
AS
INT INT
INT
INT
TLF10492 – 29
FIGURE 5-7 Bus Status Transitions
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com