Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 83Page - National Semiconductor (TI) DP83932C Datasheet HTML 84Page - National Semiconductor (TI) DP83932C Datasheet HTML 85Page - National Semiconductor (TI) DP83932C Datasheet HTML 86Page - National Semiconductor (TI) DP83932C Datasheet HTML 87Page - National Semiconductor (TI) DP83932C Datasheet HTML 88Page - National Semiconductor (TI) DP83932C Datasheet HTML 89Page - National Semiconductor (TI) DP83932C Datasheet HTML 90Page - National Semiconductor (TI) DP83932C Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
70 AC and DC Specifications (Continued)
MEMORY ARBITRATIONSLAVE ACCESS
TLF10492 – 70
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T56
CS Low Asynch Setup to BSCK
876
ns
(Note 2)
T58
MREQ Low Asynch Setup to BSCK
876
ns
(Note 2)
T60
MREQ or CS Valid to SMACK Low
151515
bcyc
(Notes 3 4)
T80
MREQ to SMACK High
18
16
14
ns
T81
BSCK to SMACK Low
22
20
18
ns
Note 1
Both CS and MREQ must not be asserted concurrently If these signals are successively asserted there must be at least two bus clocks between the
deasserting and asserting edges of these signals
Note 2
It is not necessary to meet the setup times for MREQ or CS since these signals are asynchronously sampled Meeting the setup time for these signals
however makes it possible to use T60 to determine when SMACK will be asserted
Note 3
T60 could range from 1 bus clock minimum to 5 bus clock maximum depending on what state machine the SONIC is in when the CS or MREQ signal is
asserted This timing is not tested but is guaranteed by design This specification assumes that CS or MREQ is asserted before the falling edge that these signals
are asynchronously clocked in on (see T56 and T58) SAS must have been asserted for this timing to be correct See SAS and CS timing in the Register Read and
Register Write timing specifications
Note 4
bcyc e bus clock cycle time (T3)
Note 5
The way in which SMACK is asserted due to CS is not the same as the way in which SMACK is asserted due to MREQ SMACK goes low as a direct result
of the assertion of MREQ whereas for CS SAS must also be driven low (BMODE e 1) or high (BMODE e 0) before SMACK will be asserted This means that
when SMACK is asserted due to MREQ SMACK will remain asserted until MREQ is deasserted Multiple memory accesses can be made to the shared memory
without SMACK ever going high When SMACK is asserted due to CS however SMACK will only remain low as long as SAS is also low (BMODE e 1) or high
(BMODE e 0) SMACK will not remain low throughout multiple register accesses to the SONIC because SAS must toggle for each register access This in an
important difference to consider when designing shared memory designs
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com