Electronic Components Datasheet Search
  English  ▼

X  

DP83932C Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932C
Description  MHz SONICTM Systems-Oriented Network Interface Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932C Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button DP83932C Datasheet HTML 64Page - National Semiconductor (TI) DP83932C Datasheet HTML 65Page - National Semiconductor (TI) DP83932C Datasheet HTML 66Page - National Semiconductor (TI) DP83932C Datasheet HTML 67Page - National Semiconductor (TI) DP83932C Datasheet HTML 68Page - National Semiconductor (TI) DP83932C Datasheet HTML 69Page - National Semiconductor (TI) DP83932C Datasheet HTML 70Page - National Semiconductor (TI) DP83932C Datasheet HTML 71Page - National Semiconductor (TI) DP83932C Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
50 Bus Interface (Continued)
13 Latched Ready Mode is disabled (DCR2)
14 PCOMP will not be asserted (DCR2)
15 Packets will be accepted (not rejected) on CAM match
(DCR2)
A software reset immediately terminates DMA operations
and future interrupts The chip is put into an idle state where
registers can be accessed but the SONIC will not be active
in any other way The registers are affected by a software
reset as shown in Table 5-4 (only the Command Register is
changed)
60 Network Interfacing
The SONIC contains an on-chip ENDEC that performs the
network interfacing between the AUI (Attachment Unit Inter-
face) and the SONIC’s MAC unit A pin selectable option
allows the internal ENDEC to be disabled and the MAC
ENDEC signals to be supplied to the user for connection to
an external ENDEC If the EXT pin is tied to ground
(EXTe0) the internal ENDEC is selected and if EXT is tied
to VCC (EXTe1) the external ENDEC option is selected
Internal ENDEC
When the internal ENDEC is used
(EXTe0) the interface signals between the ENDEC and
MAC unit are internally connected While these signals are
used internally by the SONIC they are also provided as an
output to the user
(Figure 6-1 )
The internal ENDEC allows for a 2-chip solution for the
complete Ethernet interface
Figure 6-2 shows a typical dia-
gram of the network interface
TLF10492 – 52
FIGURE 6-1 MAC and Internal ENDEC Interface Signals
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com