Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 216 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 216 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 212Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 213Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 214Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 215Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 216Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 217Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 218Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 219Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 220Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
216
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
FLL2_CLOCK_O
K_EINT1
0
FLL2 Clock OK Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
0
FLL1_CLOCK_O
K_EINT1
0
FLL1 Clock OK Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
R3336
(0D08h)
to
R3340
(0D0Ch)
IM_*
(see note)
For each *_EINT1 interrupt register in
R3328 to R3332, a corresponding mask
bit (IM_*) is provided in R3336 to R3340.
The mask bits are coded as:
0 = Do not mask interrupt
1 = Mask interrupt
Note : The BOOT_DONE_EINT1 interrupt is ‘0’ (un-masked) by default; all
other interrupts are ‘1’ (masked) by default.
R3343
(0D0Fh)
Interrupt
Control
0
IM_IRQ1
0
IRQ1 Output Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
R3409
(0D51h)
AOD IRQ1
7
MICD_CLAMP_F
ALL_EINT1
0
MICDET Clamp Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
6
MICD_CLAMP_R
ISE_EINT1
0
MICDET Clamp Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
GP5_FALL_EINT
1
0
GP5 Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
4
GP5_RISE_EINT
1
0
GP5 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
JD1_FALL_EINT
1
0
JD1 Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
2
JD1_RISE_EINT1
0
JD1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R3411
(0D53h)
AOD IRQ
Mask IRQ1
IM_*
1
For each *_EINT1 interrupt register in
R3409, a corresponding mask bit (IM_*)
is provided in R3411.
The mask bits are coded as:
0 = Do not mask interrupt
1 = Mask interrupt
Table 94 Interrupt 1 Control Registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3344
(0D10h)
IRQ2
Status 1
3
GP4_EINT2
0
GPIO4 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.
2
GP3_EINT2
0
GPIO3 Interrupt
(Rising and falling edge triggered)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com