Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 219 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 219 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 215Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 216Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 217Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 218Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 219Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 220Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 221Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 222Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 223Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
219
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3352
(0D18h)
to
R3356
(0D1Ch)
IM_*
(see note)
For each *_EINT2 interrupt register in
R3344 to R3348, a corresponding mask
bit (IM_*) is provided in R3352 to R3356.
The mask bits are coded as:
0 = Do not mask interrupt
1 = Mask interrupt
Note : The BOOT_DONE_EINT2 interrupt is ‘0’ (un-masked) by default; all
other interrupts are ‘1’ (masked) by default.
R3359
(0D1Fh)
IRQ2
Control
0
IM_IRQ2
0
IRQ2 Output Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
R3410
(0D52h)
AOD IRQ2
7
MICD_CLAMP_F
ALL_EINT2
0
MICDET Clamp Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
6
MICD_CLAMP_R
ISE_EINT2
0
MICDET Clamp Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
5
GP5_FALL_EINT
2
0
GP5 Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
4
GP5_RISE_EINT
2
0
GP5 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
3
JD1_FALL_EINT
2
0
JD1 Interrupt
(Falling edge triggered)
Note: Cleared when a ‘1’ is written.
2
JD1_RISE_EINT2
0
JD1 Interrupt
(Rising edge triggered)
Note: Cleared when a ‘1’ is written.
R3412
(0D54h)
AOD IRQ
Mask IRQ2
IM_*
1
For each *_EINT2 interrupt register in
R3410, a corresponding mask bit (IM_*)
is provided in R3412.
The mask bits are coded as:
0 = Do not mask interrupt
1 = Mask interrupt
Table 95 Interrupt 2 Control Registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3360
(0D20h)
Interrupt
Raw Status
2
8
DSP1_RAM_RDY
_STS
0
DSP1 RAM Status
0 = Not ready
1 = Ready
1
DSP_IRQ2_STS
0
DSP IRQ2 Status
0 = Not asserted
1 = Asserted
0
DSP_IRQ1_STS
0
DSP IRQ1 Status
0 = Not asserted
1 = Asserted
R3361
(0D21h)
Interrupt
15
SPK_SHUTDOW
N_WARN_STS
0
Speaker Shutdown Warning Status
0 = Normal
1 = Warning temperature exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com