| Electronic Components Datasheet Search |
|
WM5102 Datasheet(PDF) 218 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM5102 Datasheet(HTML) 218 Page - Wolfson Microelectronics plc |
|
218 / 334 page ![]() WM5102 Production Data w PD, June 2014, Rev 4.2 218 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 1 CLKGEN_ERR_E INT2 0 SYSCLK Underclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 0 CLKGEN_ERR_A SYNC_EINT2 0 ASYNCCLK Underclocked Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R3347 (0D13h) IRQ2 Status 4 15 ASRC_CFG_ER R_EINT2 0 ASRC Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 14 AIF3_ERR_EINT 2 0 AIF3 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 13 AIF2_ERR_EINT 2 0 AIF2 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 12 AIF1_ERR_EINT 2 0 AIF1 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 11 CTRLIF_ERR_EI NT2 0 Control Interface Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 10 MIXER_DROPPE D_SAMPLE_EIN T2 Mixer Dropped Sample Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 9 ASYNC_CLK_EN A_LOW_EINT2 0 ASYNC_CLK_ENA Interrupt (Triggered on ASYNCCLK shut-down) Note: Cleared when a ‘1’ is written. 8 SYSCLK_ENA_L OW_EINT2 0 SYSCLK_ENA Interrupt (Triggered on SYSCLK shut-down) Note: Cleared when a ‘1’ is written. 7 ISRC1_CFG_ER R_EINT2 0 ISRC1 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 6 ISRC2_CFG_ER R_EINT2 0 ISRC2 Configuration Error Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. R3348 (0D14h) IRQ2 Status 5 8 BOOT_DONE_EI NT2 0 Boot Done Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 7 DCS_DAC_DON E_EINT2 0 DC Servo DAC Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 6 DCS_HP_DONE_ EINT2 0 DC Servo HPOUT Interrupt (Rising edge triggered) Note: Cleared when a ‘1’ is written. 1 FLL2_CLOCK_O K_EINT2 0 FLL2 Clock OK Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. 0 FLL1_CLOCK_O K_EINT2 0 FLL1 Clock OK Interrupt (Rising and falling edge triggered) Note: Cleared when a ‘1’ is written. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |