Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 220 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 220 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 216Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 217Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 218Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 219Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 220Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 221Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 222Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 223Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 224Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
220
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Raw Status
2
14
SPK_SHUTDOW
N_STS
0
Speaker Shutdown Status
0 = Normal
1 = Shutdown temperature exceeded
11
WSEQ_DONE_S
TS
0
Write Sequencer Status
0 = Busy (sequence in progress)
1 = Idle (sequence completed)
9
DRC1_SIG_DET
_STS
0
DRC1 Signal Detect Status
0 = Normal
1 = Signal detected
8
ASRC2_LOCK_S
TS
0
ASRC2 Lock Status
0 = Not locked
1 = Locked
7
ASRC1_LOCK_S
TS
0
ASRC1 Lock Status
0 = Not locked
1 = Locked
6
UNDERCLOCKE
D_STS
0
Underclocked Error Status
0 = Normal
1 = Underclocked Error
5
OVERCLOCKED
_STS
0
Overclocked Error Status
0 = Normal
1 = Overclocked Error
3
FLL2_LOCK_STS
0
FLL2 Lock Status
0 = Not locked
1 = Locked
2
FLL1_LOCK_STS
0
FLL1 Lock Status
0 = Not locked
1 = Locked
1
CLKGEN_ERR_S
TS
0
SYSCLK Underclocked Error Status
0 = Normal
1 = Underclocked Error
0
CLKGEN_ERR_A
SYNC_STS
0
ASYNCCLK Underclocked Error Status
0 = Normal
1 = Underclocked Error
R3362
(0D22h)
Interrupt
Raw Status
4
15
ASRC_CFG_ER
R_STS
0
ASRC Configuration Error Interrupt
0 = Normal
1 = Configuration Error
14
AIF3_ERR_STS
0
AIF3 Configuration Error Status
0 = Normal
1 = Configuration Error
13
AIF2_ERR_STS
0
AIF2 Configuration Error Status
0 = Normal
1 = Configuration Error
12
AIF1_ERR_STS
0
AIF1 Configuration Error Status
0 = Normal
1 = Configuration Error
11
CTRLIF_ERR_ST
S
0
Control Interface Error Status
0 = Normal
1 = Control Interface Error
10
MIXER_DROPPE
D_SAMPLE_STS
Mixer Dropped Sample Status
0 = Normal
1 = Dropped Sample Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com