Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 224 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 224 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 220Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 221Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 222Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 223Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 224Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 225Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 226Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 227Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 228Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
224
CLOCKING AND SAMPLE RATES
The WM5102 requires a clock reference for its internal functions and also for the input (ADC) paths,
output (DAC) paths and digital audio interfaces. Under typical clocking configurations, all commonly-
used audio sample rates can be derived directly from the external reference; for additional flexibility,
the WM5102 incorporates two Frequency Locked Loop (FLL) circuits to perform frequency conversion
and filtering.
External clock signals may be connected via MCLK1 and MCLK2. (These inputs are referenced to the
DBVDD1 power domain.) In AIF Slave modes, the BCLK signals may be used as a reference for the
system clocks. The SLIMbus interface can provide the clock reference, when used as the input to one
of the FLLs. To avoid audible glitches, all clock configurations must be set up before enabling
playback.
SYSTEM CLOCKING
The WM5102 supports two independent clock domains, referenced to the SYSCLK and ASYNCCLK
system clocks respectively.
Up to five different sample rates may be independently selected for specific audio interfaces and other
input/output signal paths. Each selected sample rate must be synchronised either to SYSCLK or to
ASYNCCLK, as described later.
The two system clocks are independent (ie. not synchronised). Stereo full-duplex sample rate
conversion is supported, allowing asynchronous audio data to be mixed and to be routed between
independent interfaces. See “Digital Core” for further details.
Each subsystem within the WM5102 digital core is clocked at a dynamically-controlled rate, limited by
the SYSCLK (or ASYNCCLK) frequency, as applicable. For maximum signal mixing and processing
capacity, it is recommended that the highest possible SYSCLK and ASYNCCLK frequencies are
configured.
If the SUBSYS_MAX_FREQ bit is set to ‘0’, then the digital core clocking rate is restricted to a
maximum of 24.576MHz (or 22.5792MHz), even if a higher system clock frequency is configured.
The maximum digital core clocking rates of 49.152MHz (or 45.1584MHz) are only supported when
SUBSYS_MAX_FREQ is set to ‘1’, and the DCVDD voltage is 1.8V (nominal).
See “Recommended Operating Conditions” for details of the DCVDD operating conditions. Note that,
if DCVDD is less than the minimum level for >24.576MHz clocking, then SUBSYS_MAX_FREQ must
be set to ‘0’.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R353
(0161h)
Dynamic
Frequency
Scaling 1
0
SUBSYS_MAX_F
REQ
0
Digital Core Clocking Limit
Sets the maximum digital core clocking
rate. The higher rate should only be
selected when the DCVDD voltage is
1.8V (nominal).
0 = 24.576MHz (22.5792MHz)
1 = 49.152MHz (45.1584MHz)
Table 97 System Clocking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com