Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 227 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 227 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 223Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 224Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 225Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 226Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 227Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 228Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 229Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 230Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 231Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
227
Sample Rate
SAMPLE_RATE_n
SYSCLK
Frequency
SYSCLK_FREQ
SYSCLK_FRAC
12kHz
24kHz
48kHz
96kHz
192kHz
4kHz
8kHz
16kHz
32kHz
01h
02h
03h
04h
05h
10h
11h
12h
13h
6.144MHz,
12.288MHz,
24.576MHz,
or
49.152MHz
000,
001,
010,
or
011
0
11.025kHz
22.05kHz
44.1kHz
88.2kHz
176.4kHz
09h
0Ah
0Bh
0Ch
0Dh
5.6448MHz,
11.2896MHz,
22.5792MHz,
or
45.1584MHz
000,
001,
010,
or
011
1
Note that each of the SAMPLE_RATE_n registers must select a sample rate value from the same
group in the two lists above.
Table 98 SYSCLK Frequency Selection
The required ASYNCCLK frequency is dependent on the ASYNC_SAMPLE_RATE_n registers. Table
99 illustrates the valid ASYNCCLK frequencies for every supported sample rate.
The ASYNC_CLK_FREQ register is used to identify the applicable ASYNCCLK frequency. It is
recommended that the highest possible ASYNCCLK frequency is selected.
Note that, if all the sample rates in the system are synchronised to SYSCLK, then the ASYNCCLK
may not be required at all. In this case, the ASYNCCLK should be disabled (see Table 100), and the
associated register values are not important.
Sample Rate
ASYNC_SAMPLE_RATE_n
ASYNCCLK
Frequency
ASYNC_CLK_FREQ
12kHz
24kHz
48kHz
96kHz
192kHz
4kHz
8kHz
16kHz
32kHz
01h
02h
03h
04h
05h
10h
11h
12h
13h
6.144MHz,
12.288MHz,
24.576MHz,
or
49.152MHz
000,
001,
010,
or
011
11.025kHz
22.05kHz
44.1kHz
88.2kHz
176.4kHz
09h
0Ah
0Bh
0Ch
0Dh
5.6448MHz,
11.2896MHz,
22.5792MHz
or
45.1584MHz
000,
001,
010,
or
011
Note that each of the ASYNC_SAMPLE_RATE_n registers must select a sample rate value from
the same group in the two lists above.
Table 99 ASYNCCLK Frequency Selection
The WM5102 supports automatic clocking configuration. The programmable dividers associated with
the ADCs, DACs and all DSP functions are configured automatically, with values determined from the
SYSCLK_FREQ, SAMPLE_RATE_n, ASYNC_CLK_FREQ and ASYNC_SAMPLE_RATE_n fields.
Note that the digital audio interface (AIF) clocking rates must be configured separately.
The sample rates of each AIF, the input (ADC) paths, output (DAC) paths and DSP functions are
selected as described in the respective sections. Stereo full-duplex sample rate conversion is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com