Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 225 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 225 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 221Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 222Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 223Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 224Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 225Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 226Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 227Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 228Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 229Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
225
SAMPLE RATE CONTROL
The WM5102 supports two independent clock domains, referenced to SYSCLK and ASYNCCLK
respectively.
Different sample rates may be selected for each of the audio interfaces (AIF1, AIF2, AIF3, SLIMbus),
and for the input (ADC) and output (DAC) paths. Each of these must be referenced either to SYSCLK
or to ASYNCCLK. (Note that the SLIMbus interface supports multiple sample rates, selected
independently for each input or output channel.)
The WM5102 can support a maximum of five different sample rates at any time. The supported
sample rates range from 4kHz to 192kHz.
Up to three different sample rates can be selected using the SAMPLE_RATE_1, SAMPLE_RATE_2
and SAMPLE_RATE_3 registers. These must each be numerically related to each other and to the
SYSCLK frequency (further details of these requirements are provided in Table 98 and the
accompanying text).
The remaining two sample rates can be selected using the ASYNC_SAMPLE_RATE_1 and
ASYNC_SAMPLE_RATE_2 registers. These sample rates must be numerically related to each other
and to the ASYNCCLK frequency (further details of these requirements are provided in Table 99 and
the accompanying text).
Each of the audio interfaces, input paths and output paths is associated with one of the sample rates
selected by the SAMPLE_RATE_n or ASYNC_SAMPLE_RATE_n registers.
Note that if any two interfaces are operating at the same sample rate, but are not synchronised, then
one of these must be referenced to the ASYNCCLK domain, and the other to the SYSCLK domain.
Note that, when any of the SAMPLE_RATE_n or ASYNC_SAMPLE_RATE_n registers is written to,
the activation of the new setting is automatically synchronised by the WM5102 to ensure continuity of
all active signal paths. The SAMPLE_RATE_n_STS and ASYNC_SAMPLE_RATE_n_STS registers
provide readback of the sample rate selections that have been implemented.
There are some restrictions to be observed regarding the sample rate control configuration, as noted
below:
The input (ADC / Digital Microphone) and output (DAC) signal paths must always be
associated with the SYSCLK clocking domain.
All external clock references (MCLK input or Slave mode AIF input) must be within 1% of
the applicable register setting(s).
The input (ADC / DMIC) sample rate is valid from 8kHz to 192kHz.
The output (DAC) sample rate is valid from 8kHz to 192kHz.
The Mic Mute mixer sample rate is valid from 8kHz to 192kHz.
The Effects (EQ, DRC, LHPF) sample rate is valid from 8kHz to 192kHz. When the DRC is
enabled, the maximum sample rate for these functions is 96kHz.
The Tone Generator sample rate is valid from 8kHz to 192kHz.
The Haptic Signal Generator sample rate is valid from 8kHz to 192kHz.
The Asynchronous Sample Rate Converter (ASRC) supports sample rates 8kHz to 48kHz.
The associated SYSCLK and ASYNCCLK sample rates must both be 8kHz to 48kHz.
The Isochronous Sample Rate Converters (ISRCs) support sample rates 8kHz to 192kHz.
For each ISRC, the higher sample rate must be an integer multiple of the lower rate. Integer
ratios in the range 1 to 6 are supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com