Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 250 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 250 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 246Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 247Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 248Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 249Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 250Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 251Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 252Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 253Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 254Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
250
EXAMPLE FLL SETTINGS
Table 108 provides example FLL settings for generating 49.152MHz or 24.576MHz SYSCLK from a
variety of low and high frequency reference inputs.
FSOURCE
FOUT (MHz)
FREF
Divider
N.K
FRATIO
FVCO (MHz)
OUTDIV
FLLn_N
FLLn_
THETA
FLLn_
LAMBDA
32.000 kHz
49.152
1
192
16
98.304
2
0C0h
32.000 kHz
24.576
1
192
16
98.304
4
0C0h
32.768 kHz
49.152
1
187.5
16
98.304
2
0BBh
0001h
0002h
32.768 kHz
24.576
1
187.5
16
98.304
4
0BBh
0001h
0002h
48 kHz
49.152
1
128
16
98.304
2
080h
48 kHz
24.576
1
128
16
98.304
4
080h
128 kHz
49.152
1
96
8
98.304
2
060h
128 kHz
24.576
1
96
8
98.304
4
060h
512 kHz
49.152
1
96
2
98.304
2
060h
512 kHz
24.576
1
96
2
98.304
4
060h
1.536 MHz
49.152
1
64
1
98.304
2
040h
1.536 MHz
24.576
1
64
1
98.304
4
040h
3.072 MHz
49.152
1
32
1
98.304
2
020h
3.072 MHz
24.576
1
32
1
98.304
4
020h
11.2896 MHz
49.152
1
8.7075
1
98.304
2
008h
0068h
0093h
11.2896 MHz
24.576
1
8.7075
1
98.304
4
008h
0068h
0093h
12.000 MHz
49.152
1
8.192
1
98.304
2
008h
0018h
007Dh
12.000 MHz
24.576
1
8.192
1
98.304
4
008h
0018h
007Dh
12.288 MHz
49.152
1
8
1
98.304
2
008h
12.288 MHz
24.576
1
8
1
98.304
4
008h
13.000 MHz
49.152
1
7.5618
1
98.304
2
007h
0391h
0659h
13.000 MHz
24.576
1
7.5618
1
98.304
4
007h
0391h
0659h
19.200 MHz
49.152
2
10.24
1
98.304
2
00Ah
0006h
0019h
19.200 MHz
24.576
2
10.24
1
98.304
4
00Ah
0006h
0019h
24 MHz
49.152
2
8.192
1
98.304
2
008h
0018h
007Dh
24 MHz
24.576
2
8.192
1
98.304
4
008h
0018h
007Dh
26 MHz
49.152
2
7.5618
1
98.304
2
007h
0391h
0659h
26 MHz
24.576
2
7.5618
1
98.304
4
007h
0391h
0659h
27 MHz
49.152
2
7.2818
1
98.304
2
007h
013Dh
0465h
27 MHz
24.576
2
7.2818
1
98.304
4
007h
013Dh
0465h
FOUT = (FSOURCE / FREF Divider) * N.K * FRATIO / OUTDIV
The values of N and K are contained in the FLLn_N, FLLn_THETA and FLLn_LAMBDA registers as shown above.
See Table 104 and Table 105 for the coding of the FLLn_REFCLK_DIV, FLLn_FRATIO and FLLn_OUTDIV registers.
Table 108 Example FLL Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com